Electronic Components Datasheet Search
  English  ▼

X  

CD74HC161M Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC161M
Description  High-Speed CMOS Logic Presettable Counters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC161M Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC161M Datasheet HTML 2Page - Texas Instruments CD74HC161M Datasheet HTML 3Page - Texas Instruments CD74HC161M Datasheet HTML 4Page - Texas Instruments CD74HC161M Datasheet HTML 5Page - Texas Instruments CD74HC161M Datasheet HTML 6Page - Texas Instruments CD74HC161M Datasheet HTML 7Page - Texas Instruments CD74HC161M Datasheet HTML 8Page - Texas Instruments CD74HC161M Datasheet HTML 9Page - Texas Instruments CD74HC161M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Prerequisite For Switching Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Maximum CP Frequency
(Note 6)
fMAX
-
2
6
-
-
5
-
4
-
MHz
4.5
30
-
-
24
-
20
-
MHz
6
35
-
-
28
-
24
-
MHz
CP Width (Low)
tW(L)
-
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
MR Pulse Width (161)
tW
-
2
100
-
-
125
-
150
-
ns
4.5
20
-
-
25
-
30
-
ns
6
17
-
-
21
-
26
-
ns
Setup Time, Pn to CP
tSU
-
2
60
-
-
75
-
90
-
ns
4.5
12
-
-
15
-
18
-
ns
6
10
-
-
13
-
15
-
ns
Setup Time, PE or TE to CP
tSU
-
2
50
-
-
65
-
75
-
ns
4.5
10
-
-
13
-
15
-
ns
6
9
-
-
11
-
13
-
ns
Setup Time, SPE to CP
tSU
-
2
60
-
-
75
-
90
-
ns
4.5
12
-
-
15
-
18
-
ns
6
10
-
-
13
-
15
-
ns
Setup Time, MR to CP (163)
tSU
-
2
65
-
-
80
-
100
-
ns
4.5
13
-
-
16
-
20
-
ns
6
11
-
-
14
-
17
-
ns
Hold Time, PN to CP
tH
-2
3
-
-
3
-
3
-
ns
4.5
3
-
-
3
-
3
-
ns
6
3
-
-
3-3-
ns
Hold Time, TE or PE to CP
tH
-2
0
-
-
0
-
0
-
ns
4.5
0
-
-
0
-
0
-
ns
6
0
-
-
0-0-
ns
Hold Time, SPE to CP
tH
-2
0
-
-
0
-
0
-
ns
4.5
0
-
-
0
-
0
-
ns
6
0
-
-
0-0-
ns
Recovery Time, MR to CP (161)
tREC
-
2
75
-
-
95
-
110
-
ns
4.5
15
-
-
19
-
22
-
ns
6
13
-
-
16
-
19
-
ns
CD54/74HC161, CD54/74HCT161, CD54/74HC163, CD54/74HCT163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com