Electronic Components Datasheet Search
  English  ▼

X  

CNG35 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CNG35
Description  OPTICALLY COUPLED ISOLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CNG35 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CNG35 Datasheet HTML 1Page - List of Unclassifed Manufacturers CNG35 Datasheet HTML 2Page - List of Unclassifed Manufacturers CNG35 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
All electrical parameters are 100% tested by manufacturing. Specifications are guaranteed to a
cumulative 0.65% AQL
Absolute Maximum Ratings (Ta=25°C)
Storage Temperature:
Operating Temperature:
Lead Soldering:
Input-To-Output Isolation Voltage:
-55°C to +150°C
-55°C to +100°C
260°C for 10s, 1.6mm from case
3120-4400Vdc
Input Diode
Forward DC Current:
Reverse DC Voltage:
Peak Forward Current (1µs p.w.
300pps):
Power Dissipation:
Derate Linearly:
100mA
5V
3A
200mW
1.33mW/°C above 25°C
Output Transistor
Collector-Emitter Voltage:
Power Dissipation:
30V
200mW
Optocoupler
Collector Cut-off Current (Dark) ICEW:
Isolation Voltage DC VIO:
Isolation Voltage AC (RMS) VIO:
200nA Max (Vcc=10V; work. volt.=2.5kV Diode;
If=0)
4.4kVMin
3.12kVMin
Package
Total Power Dissipation:
Derate Linearly:
250mW
3.3mW/°C above 25°C
Electro-optical Characteristics (Ta=25°C)
INPUT
PARAMETER
CONDITIONS
MIN TYP MAX UNIT
VF
Forward Voltage
IF=10mA
1.5
V
IR
Reverse Current
VR=5V
10
µA
OUTPUT
PARAMETER
CONDITIONS
MIN TYP MAX UNIT
Collector cut-off current (dark)
VCE=10V
50
nA
VCE=10V, TA=70°C
10
µA
VCB=10V
20
nA
ICEO
Collector-Emitter Breakdown
V(BR) CEO
30
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com