Electronic Components Datasheet Search
  English  ▼

X  

CP210 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CP210
Description  Small Signal Transistors N - Channel Silicon Amplifer J FET Chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CP210 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CP210 Datasheet HTML 1Page - Central Semiconductor Corp CP210 Datasheet HTML 2Page - Central Semiconductor Corp CP210 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PROCESS
CP210
Typical Electrical Characteristics
0
4
8
12
16
0
4
8
12
16
20
VDS, Drain-Source Voltage (V)
VGS = 0V
-0.5V
-1.0V
-1.5V
-2.0V
-2.5V
-3.0V
-3.5V
-4.0V
TA = 25°C
TYP. VGS(OFF) = -5.0V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.2
0.4
0.6
0.8
1
VDS, Drain-Source Voltage (V)
-4.0V
-3.5V
-3.0V
-2.5V
-2.0V
-1.5V
VGS = 0V
-0.5V
-1.0V
TA = 25°C
TYP. VGS(OFF) = -5.0V
0
0.4
0.8
1.2
1.6
0
4
8
12
16
20
VDS, Drain-Source Voltage (V)
VGS = 0V
-0.1V
-0.2V
-0.3V
-0.4V
-0.5V
-0.6V
TA = 25°C
TYP. VGS(OFF) = -1.2V
0
0.2
0.4
0.6
0.8
1
1.2
0
0.4
0.8
1.2
1.6
2
VDS, Drain-Source Voltage (V)
TA = 25°C
TYP. VGS(OFF) = -1.2V
VGS = 0V
-0.1V
-0.2V
-0.3V
-0.4V
-0.5V
-0.6V
0
1
2
3
4
5
0.1
1
10
ID, Drain Current (mA)
TA = -55°C
TA = 25°C
TA = 125°C
VDG = 15V
f = 1kHz
VGS(OFF) = -5.0V
145 Adams Avenue
Hauppauge, NY 11788 USA
Tel: (631) 435-1110
Fax: (631) 435-1824
www.centralsemi.com
R3 (9 -September 2003)
Central
Semiconductor Corp.
TM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com