Electronic Components Datasheet Search
  English  ▼

X  

LBE63C Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LBE63C
Description  Backlighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBE63C Datasheet(HTML) 1 Page - OSRAM GmbH

  LBE63C_16 Datasheet HTML 1Page - OSRAM GmbH LBE63C_16 Datasheet HTML 2Page - OSRAM GmbH LBE63C_16 Datasheet HTML 3Page - OSRAM GmbH LBE63C_16 Datasheet HTML 4Page - OSRAM GmbH LBE63C_16 Datasheet HTML 5Page - OSRAM GmbH LBE63C_16 Datasheet HTML 6Page - OSRAM GmbH LBE63C_16 Datasheet HTML 7Page - OSRAM GmbH LBE63C_16 Datasheet HTML 8Page - OSRAM GmbH LBE63C_16 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2016-06-02
1
2016-06-02
Power TOPLED Lens
Datasheet
Version 2.3
LB E63C
PowerTOPLED with lens, a powerful member of the
TOPLED family. Thanks to their high luminous
efficacy, the LEDs are ideal for rear light clusters and
indicators on vehicles and for display panels for traffic
control systems.
PowerTOPLED mit Linse, ein leistungsstarkes Mitglied
der TOPLED Familie. Dank der hohen Lichtausbeute
eignen sie sich ideal für Heckleuchten und Indikatoren
an Fahrzeugen und für Display-Panels in
Verkehrsleitsysteme.
Features:
Besondere Merkmale:
•
Package: white PLCC-4 package, colorless clear
resin
•
Gehäusetyp: weisses PLCC-4 Gehäuse,
farbloser klarer Verguss
•
Technology: InGaN
•
Technologie: InGaN
•
Viewing angle at 50 % I
V: 45°
•
Abstrahlwinkel bei 50 % I
V: 45°
•
Color: blue (469 nm)
•
Farbe: blau (469 nm)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Backlighting
•
Hinterleuchtung
•
Automotive Interior Lighting
•
Automobilbeleuchtung innen
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten


Similar Part No. - LBE63C_16

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBE63C-S2U1-35 OSRAM-LBE63C-S2U1-35 Datasheet
69Kb / 16P
Power TOPLED with Lens Enhanced Optical Power LED (ATON)
LBE63C-T2V1-35 OSRAM-LBE63C-T2V1-35 Datasheet
578Kb / 18P
Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LBE63C-T2V2-35 OSRAM-LBE63C-T2V2-35 Datasheet
578Kb / 18P
Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LBE63C-T2V2-35-Z OSRAM-LBE63C-T2V2-35-Z Datasheet
578Kb / 18P
Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LBE63C-U2V2-35 OSRAM-LBE63C-U2V2-35 Datasheet
578Kb / 18P
Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
More results

Similar Description - LBE63C_16

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWDNLS31.RA OSRAM-KWDNLS31.RA Datasheet
738Kb / 24P
Backlighting
LOE67F OSRAM-LOE67F Datasheet
445Kb / 20P
Backlighting
LOM670 OSRAM-LOM670 Datasheet
479Kb / 19P
Backlighting
LWY1SG OSRAM-LWY1SG_14 Datasheet
551Kb / 22P
Backlighting
LTW5SM OSRAM-LTW5SM Datasheet
633Kb / 21P
Backlighting
LBQH9G OSRAM-LBQH9G Datasheet
741Kb / 21P
Backlighting
LTPWSG OSRAM-LTPWSG Datasheet
759Kb / 22P
Backlighting
LWQ38G OSRAM-LWQ38G Datasheet
562Kb / 22P
Backlighting
LAT67D OSRAM-LAT67D Datasheet
757Kb / 20P
Backlighting
LBE6SG OSRAM-LBE6SG Datasheet
604Kb / 21P
Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com