Electronic Components Datasheet Search
  English  ▼

X  

CDB6422 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CDB6422
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB6422 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CDB6422 Datasheet HTML 9Page - Cirrus Logic CDB6422 Datasheet HTML 10Page - Cirrus Logic CDB6422 Datasheet HTML 11Page - Cirrus Logic CDB6422 Datasheet HTML 12Page - Cirrus Logic CDB6422 Datasheet HTML 13Page - Cirrus Logic CDB6422 Datasheet HTML 14Page - Cirrus Logic CDB6422 Datasheet HTML 15Page - Cirrus Logic CDB6422 Datasheet HTML 16Page - Cirrus Logic CDB6422 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
CS6422
13
STROBE pulses must be applied to latch the data
into the CS6422.
Since the MCR is a shift register, the STROBE can
be run arbitrarily slowly with a duty cycle limited
only by the minimum high and low time specified
in “Switching Characteristics”. The Microcontrol-
ler Interface is polled at 125
µs intervals, so regis-
ter writes must be spaced at least 125
µs apart or
the register contents may be overwritten.
3.2.2
Register Definitions
The six control registers accessible through the
MCR are described in detail in the following tables.
These registers are addressed by bits b3-0 of the
MCR. Bit ‘b0’ must always be ‘0’. Table 2 shows
the register map with the default settings. Tables 3
through 8 show the control registers in more detail.
The Register Map at the top of each register de-
scription shows the names of all the bits, with their
reset values below the bitfield name. The reset val-
ue can also be found in the Word column of the bit-
field summary as indicated by an ‘*’.
#
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3-0
0Mic
1
HDD
0
GB
10
RVol
0100
TSD
0
ACC
00
TSMde
0
0000
1
THDet
00
Taps
10
TVol
1010
RSD
0
NCC
00
AuNECD
0
0010
2
RHDet
00
RSThd
00
NseRmp
00
HDly
00
HHold
0
TDSRmp
0
RDSRmp
0
IdlTx
0
0100
3TSAtt
00
PCSen
0
TDbtS
000
RDbtS
00
TSThd
00
TSBias
00
0110
4AErle
00
AFNse
00
NErle
00
NFNse
00
RGain
00
TGain
00
1000
5HwlD
0
TD
0
APCD
0
NPCD
0
APFD
0
NPFD
0
AECD
0
NECD
0
ASdt
00
NSdt
00
1010
Table 2. MCR Control Register Mapping
Bit15 Bit14 Bit13 Bit12 Bit11 Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DATA
DRDY
STROBE
four extra strobe pulses
12
3
4
Figure 7. Microcontroller Interface
CS6422
DS295F1
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com