Electronic Components Datasheet Search
  English  ▼

X  

PE6087 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6087
Description  0.5 Watt RF Load Up to 40 GHz with 2.92mm Female Passivated Stainless Steel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6087 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6087 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6087 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6087 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Connector 1 Contact
Beryllium Copper
Gold
Body
Passivated Stainless Steel
Housing
Passivated Stainless Steel
.
Mechanical Specification Notes:
2.92mm connectors mate both mechnically and electrically with all 3.5mm and SMA connectors.
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
0.5 Watt RF Load Up to 40 GHz with 2.92mm Female Passivated Stainless Steel from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.5 Watt RF Load Up to 40 GHz with 2.92mm Female Passivated Stainless Steel PE6087
URL: https://www.pasternack.com/0.5-watts-2.92mm-female-rf-load-up-to-40-ghz-precision-pe6087-p.aspx
PE6087
PE6087 REV 1.1
RF Terminations Technical Data Sheet
0.5 Watt RF Load Up to 40 GHz with 2.92mm
Female Passivated Stainless Steel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com