Electronic Components Datasheet Search
  English  ▼

X  

PE6099 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6099
Description  5 Watt RF Load Up to 18 GHz With TNC Male Input Black Anodized Aluminum Heatsink
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6099 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6099 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6099 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6099 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Connector 1 Contact
Beryllium Copper
Gold
Insulation
PTFE
Body
Passivated Stainless Steel
Coupling Nut
Passivated Stainless Steel
Housing
Black Anodized Aluminum Heatsink
.
Mechanical Specification Notes:
TNC connectors are mode-free up to 18 GHz.
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
5 Watt RF Load Up to 18 GHz With TNC Male Input Black Anodized Aluminum Heatsink from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 5 Watt RF Load Up to 18 GHz With TNC Male Input Black Anodized Aluminum Heatsink PE6099
URL:
http://www.pasternack.com/5-watts-tnc-male-rf-load-up-to-18-ghz-pe6099-p.aspx
PE6099
PE6099 REV 1.1
RF Terminations Technical Data Sheet
5 Watt RF Load Up to 18 GHz With TNC Male Input
Black Anodized Aluminum Heatsink



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com