Electronic Components Datasheet Search
  English  ▼

X  

PE6109 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6109
Description  C Male Non-Shorting Dust Cap
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6109 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6109 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6109 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6109 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Protects against dust and contaminants
• Protects against physical damage
• Nickel Plated Body
Applications
• General Purpose Laboratory Use
• Test and Measurement
.
Description
Pasternack’s PE6109 connector dust cap has a C interface and a male gender. Our C male dust cap is a non-shorting
design with a nickel plated body to ensure durability. The Pasternack non-shorting C connector cap is part of over 40,000 RF,
microwave and millimeter wave products that ship the same day.
RF connector dust caps are essential for precision connectors, protecting them from dust, corrosion and potential damage
especially to test and measurement equipment. Specific RF connector cap models come with a chain to prevent loss or
misplacement. Internal short connector cap versions are available to protect equipment from a spike in current caused by
electrostatic discharge (ESD).
Mechanical Specifications
Configuration
Connector
C Male Non-Shorting
.
Description
Material
Plating
Body
Brass
Nickel
.
Size
Length
0.67 in [17.02 mm]
Width
0.75 in [19.05 mm]
.
Weight
0.041 lbs [18.6 g]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Male Non-Shorting Dust Cap PE6109
PE6109 REV 1.2
C Male Non-Shorting Dust Cap
Shorts and Caps Technical Data Sheet
PE6109


Similar Part No. - PE6109

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6109 PASTERNACK-PE6109 Datasheet
204Kb / 2P
Non-Shorting Dust Cap for C Male
More results

Similar Description - PE6109

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6017 PASTERNACK-PE6017 Datasheet
230Kb / 2P
Non-Shorting Dust Cap for N Male
PE6020 PASTERNACK-PE6020 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for SSMA Male
PE6024 PASTERNACK-PE6024 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for SMA Male
PE6109 PASTERNACK-PE6109 Datasheet
204Kb / 2P
Non-Shorting Dust Cap for C Male
PE6111 PASTERNACK-PE6111 Datasheet
203Kb / 2P
Non-Shorting Dust Cap for C Female
PE6240 PASTERNACK-PE6240 Datasheet
348Kb / 2P
F Male Non-Shorting Dust Cap
PE6111 PASTERNACK-PE6111_14 Datasheet
172Kb / 2P
C Female Non-Shorting Dust Cap
PE6113 PASTERNACK-PE6113_16 Datasheet
415Kb / 3P
HN Male Non-Shorting Dust Cap
PE6144 PASTERNACK-PE6144_16 Datasheet
415Kb / 3P
TNC Male Non-Shorting Dust Cap
PE6240 PASTERNACK-PE6240_16 Datasheet
411Kb / 3P
F Male Non-Shorting Dust Cap
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com