Electronic Components Datasheet Search
  English  ▼

X  

PE6110 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6110
Description  C Female Non-Shorting Dust Cap With 3.5 Inch Chain
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6110 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6110 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6110 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6110 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Protects against dust and contaminants
• Protects against physical damage
• Nickel Plated Body
• Chain Included
Applications
• General Purpose Laboratory Use
• Test and Measurement
.
Description
Pasternack’s PE6110 connector dust cap has a C interface and a female gender. Our C female dust cap is a non-shorting
design with a nickel plated body to ensure durability. The Pasternack non-shorting C connector cap comes with a 3.5 inch
chain and is part of over 40,000 RF, microwave and millimeter wave products that ship the same day.
RF connector dust caps are essential for precision connectors, protecting them from dust, corrosion and potential damage
especially to test and measurement equipment. Specific RF connector cap models come with a chain to prevent loss or
misplacement. Internal short connector cap versions are available to protect equipment from a spike in current caused by
electrostatic discharge (ESD).
Mechanical Specifications
Configuration
Connector
C Female Non-Shorting
Chain Option
3.5 in Chain
.
Description
Material
Plating
Body
Brass
Nickel
.
Size
Length
0.87 in [22.1 mm]
Width
0.63 in [16.00 mm]
.
Weight
0.041 lbs [18.6 g]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Female Non-Shorting Dust Cap With 3.5 Inch Chain PE6110
PE6110 REV 1.2
C Female Non-Shorting Dust Cap With 3.5 Inch Chain
Shorts and Caps Technical Data Sheet
PE6110


Similar Part No. - PE6110

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6110 PASTERNACK-PE6110 Datasheet
237Kb / 2P
Non-Shorting Dust Cap for C Female With 3.5 Inch Chain
More results

Similar Description - PE6110

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6057 PASTERNACK-PE6057 Datasheet
234Kb / 2P
Non-Shorting 7/16 DIN Male With 3.5 Inch Chain Dust Cap
PE6046 PASTERNACK-PE6046 Datasheet
231Kb / 2P
Non-Shorting Dust Cap for C Male With 2.5 Inch Chain
PE6110 PASTERNACK-PE6110 Datasheet
237Kb / 2P
Non-Shorting Dust Cap for C Female With 3.5 Inch Chain
PE6194 PASTERNACK-PE6194 Datasheet
195Kb / 2P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PE6195 PASTERNACK-PE6195 Datasheet
193Kb / 2P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
PE6114 PASTERNACK-PE6114_16 Datasheet
419Kb / 3P
HN Female Non-Shorting Dust Cap With 4 Inch Chain
PE6118 PASTERNACK-PE6118_16 Datasheet
417Kb / 3P
SC Female Non-Shorting Dust Cap With 4 Inch Chain
PE6119 PASTERNACK-PE6119_16 Datasheet
416Kb / 3P
SMA Female Non-Shorting Dust Cap With 2.5 Inch Chain
PE6194 PASTERNACK-PE6194_16 Datasheet
418Kb / 3P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PE6195 PASTERNACK-PE6195_16 Datasheet
416Kb / 3P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com