Electronic Components Datasheet Search
  English  ▼

X  

PE6111 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6111
Description  C Female Non-Shorting Dust Cap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6111 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6111 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6111 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
C Female Non-Shorting
Chain Option
No Chain
Mechanical Specifications
Size
Length, in [mm]
0.75 [19.05]
Width, in [mm]
0.63 [16]
.
Connector
Type
C Female Non-Shorting
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
C Female Non-Shorting Dust Cap from Pasternack Enterprises has same day shipment for domestic and International orders.
Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Female Non-Shorting Dust Cap PE6111
URL: http://www.pasternack.com/c-female-cap-without-chain-pe6111-p.aspx
PE6111
PE6111 REV 1.1
C Female Non-Shorting Dust Cap


Similar Part No. - PE6111

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6111 PASTERNACK-PE6111 Datasheet
203Kb / 2P
Non-Shorting Dust Cap for C Female
More results

Similar Description - PE6111

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6109 PASTERNACK-PE6109 Datasheet
204Kb / 2P
Non-Shorting Dust Cap for C Male
PE6111 PASTERNACK-PE6111 Datasheet
203Kb / 2P
Non-Shorting Dust Cap for C Female
PE6115 PASTERNACK-PE6115 Datasheet
204Kb / 2P
Non-Shorting Dust Cap for HN Female
PE6116 PASTERNACK-PE6116 Datasheet
229Kb / 2P
Non-Shorting Dust Cap for N Female
PE6108 PASTERNACK-PE6108_16 Datasheet
413Kb / 3P
BNC Female Non-Shorting Dust Cap
PE6109 PASTERNACK-PE6109_16 Datasheet
413Kb / 3P
C Male Non-Shorting Dust Cap
PE6115 PASTERNACK-PE6115_16 Datasheet
413Kb / 3P
HN Female Non-Shorting Dust Cap
PE6116 PASTERNACK-PE6116_16 Datasheet
413Kb / 3P
N Female Non-Shorting Dust Cap
PE6120 PASTERNACK-PE6120_16 Datasheet
413Kb / 3P
SMA Female Non-Shorting Dust Cap
PE6143 PASTERNACK-PE6143_16 Datasheet
403Kb / 3P
TNC Female Non-Shorting Dust Cap
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com