Electronic Components Datasheet Search
  English  ▼

X  

PE6114 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6114
Description  HN Female Non-Shorting Dust Cap With 4 Inch Chain
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6114 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6114 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6114 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6114 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Protects against dust and contaminants
• Protects against physical damage
• Nickel Plated Body
• Chain Included
Applications
• General Purpose Laboratory Use
• Test and Measurement
.
Description
Pasternack’s PE6114 connector dust cap has an HN interface and a female gender. Our HN female dust cap is a non-shorting
design with a nickel plated body to ensure durability. The Pasternack non-shorting HN connector cap comes with a 4 inch
chain and is part of over 40,000 RF, microwave and millimeter wave products that ship the same day.
RF connector dust caps are essential for precision connectors, protecting them from dust, corrosion and potential damage
especially to test and measurement equipment. Specific RF connector cap models come with a chain to prevent loss or
misplacement. Internal short connector cap versions are available to protect equipment from a spike in current caused by
electrostatic discharge (ESD).
Mechanical Specifications
Configuration
Connector
HN Female Non-Shorting
Chain Option
4 in Chain
.
Description
Material
Plating
Body
Brass
Nickel
.
Size
Length
0.81 in [20.57 mm]
Width
0.82 in [20.83 mm]
.
Weight
0.068 lbs [30.84 g]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: HN Female Non-Shorting Dust Cap With 4 Inch Chain PE6114
PE6114 REV 1.2
HN Female Non-Shorting Dust Cap With 4 Inch Chain
Shorts and Caps Technical Data Sheet
PE6114


Similar Part No. - PE6114

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6114 PASTERNACK-PE6114 Datasheet
208Kb / 2P
Non-Shorting Dust Cap for HN Female With 4 Inch Chain
More results

Similar Description - PE6114

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6130 PASTERNACK-PE6130 Datasheet
241Kb / 2P
Shorting N Female With 4 Inch Chain Dust Cap
PE6059 PASTERNACK-PE6059 Datasheet
236Kb / 2P
Non-Shorting Dust Cap for HN Male With 4 Inch Chain
PE6114 PASTERNACK-PE6114 Datasheet
208Kb / 2P
Non-Shorting Dust Cap for HN Female With 4 Inch Chain
PE6118 PASTERNACK-PE6118 Datasheet
207Kb / 2P
Non-Shorting Dust Cap for SC Female With 4 Inch Chain
PE6059 PASTERNACK-PE6059_16 Datasheet
417Kb / 3P
HN Male Non-Shorting Dust Cap With 4 Inch Chain
PE6115 PASTERNACK-PE6115_16 Datasheet
413Kb / 3P
HN Female Non-Shorting Dust Cap
PE6118 PASTERNACK-PE6118_16 Datasheet
417Kb / 3P
SC Female Non-Shorting Dust Cap With 4 Inch Chain
PE6119 PASTERNACK-PE6119_16 Datasheet
416Kb / 3P
SMA Female Non-Shorting Dust Cap With 2.5 Inch Chain
PE6128 PASTERNACK-PE6128_16 Datasheet
420Kb / 3P
BNC Female Shorting Dust Cap With 4 Inch Chain
PE6136 PASTERNACK-PE6136_16 Datasheet
416Kb / 3P
TNC Female Shorting Dust Cap With 4 Inch Chain
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com