Electronic Components Datasheet Search
  English  ▼

X  

SLG7NT4100 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # SLG7NT4100
Description  VR Enable and Discharge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT4100 Datasheet(HTML) 4 Page - Dialog Semiconductor

  SLG7NT4100 Datasheet HTML 1Page - Dialog Semiconductor SLG7NT4100 Datasheet HTML 2Page - Dialog Semiconductor SLG7NT4100 Datasheet HTML 3Page - Dialog Semiconductor SLG7NT4100 Datasheet HTML 4Page - Dialog Semiconductor SLG7NT4100 Datasheet HTML 5Page - Dialog Semiconductor SLG7NT4100 Datasheet HTML 6Page - Dialog Semiconductor SLG7NT4100 Datasheet HTML 7Page - Dialog Semiconductor SLG7NT4100 Datasheet HTML 8Page - Dialog Semiconductor SLG7NT4100 Datasheet HTML 9Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VR Enable and Discharge
SLG7NT4100
SLG7NT4100_DB_r101
Page 4
Absolute Maximum Conditions
Parameter
Min.
Max.
Unit
VHIGH to GND
-0.3
7
V
Voltage at input pins
-0.3
7
V
Current at input pin
-1.0
1.0
mA
Storage temperature range
-65
150
°C
Junction temperature
--
150
°C
Electrical Characteristics
(@ 25°C, unless otherwise stated)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
IQ
Quiescent Current
Static inputs and outputs
--
1
--
μA
TA
Operating Temperature
-40
25
85
°C
IL
Input Leakage Current
Leakage Current for Digital Inputs or
outputs in High impedance state
-100
--
100
nA
VIH
HIGH-Level Input Voltage
Logic Input at VDD=3.3V
1.8
--
--
V
VIL
LOW-Level Input Voltage
Logic Input at VDD=3.3V
--
--
1.1
V
VOH
Output Voltage High
Push Pull Logic Level Output at
VDD=3.3V, IOH=3mA
2.1
--
--
V
VOL
Output Voltage Low
Push Pull Logic Level Output at
VDD=3.3V, IOL=3mA
--
--
0.81
V
VOL
Output Voltage Low
Open Drain Logic Level Output at
VDD=3.3V, IOL=10mA, 2X Drive
--
--
0.252
V
VO
Maximal Voltage Applied to any
PIN in High-Impedance State
--
--
VDD
V
IOL
LOW-Level Output Current
Push Pull Current at, VOL=0.4V
--
1
--
mA
IOL
LOW-Level Output Current
Open Drain Current at
VOL=0.4V, 2X Drive
28
--
--
mA
TSU
Start up Time
After VDD reaches 1.6V
--
7
--
ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com