| Electronic Components Datasheet Search |
|
DP83016AUG Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83016AUG Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() © 2002 National Semiconductor Corporation www.national.com General Description The DP83016 (Falcon switch) is a wirespeed, full featured 16-port Gigabit Ethernet Switch-On-a-Chip with several integrated management interfaces, which supports both, copper and optical PHYs. The DP83016 provides non-blocking, wire-speed Gigabit performance on all ports and supports both managed and unmanaged operation. The DP83016 minimizes total system cost. It offers the most cost effective 16 port Gigabit switch solution in the market by removing the need for external memory. Further- more, it eliminates the requirement for a configuration EEPROM. An on-chip 256kB frame buffer allows for an extremely simple system design. Using only two DP83016 devices, 24-port Gigabit Switch designs are possible. The DP83016 forwards frames at layer 2 based on informa- tion from layer 2 through layer 4. It supports programmable classification and prioritization to enable enhanced Quality of Service (QoS) support for real time applications such as Voice-over-IP (VoIP). System Diagram 2x4 Integrated Magnetics DP83016 GMII / RGMII CPU or micro-controller DP83864 2x4 Integrated Magnetics Quad 10/100/1000 DP83864 Quad 10/100/1000 DP83864 Quad 10/100/1000 DP83864 Quad 10/100/1000 Features — 16 10/100/1000 Mb/s Ethernet ports with non-blocking wire-speed performance — 32 Gbit/s internal switching bandwidth, 24 Mpps for- warding rate — MII / GMII / RGMII operation for copper PHYs, TBI / RTBI interface for fiber / SerDes — 4-wire serial CPU interface for low cost unmanaged sys- tems — 16-bit CPU interface for SNMP and Web based man- agement — 256 kB on-chip frame buffer — Programmable classifier for QoS (Layer-4/Multi-media) — 4k VLAN (IEEE802.1Q) and 4k MAC address support — Full duplex flow control (IEEE802.3x) and half duplex back pressure — Flexible link aggregation based on IEEE802.3ad — Spanning Tree Protocol support (IEEE802.1D) — GARP, GMRP and GVRP support — IGMP Snooping supported — Extended statistics for RMON IEEE 802.3z TBI — JTAG (IEEE 1149,1-1994) support DP83016AUG - Falcon Switch 16-port Gigabit Ethernet Switch Engine Advance Information April 2002 |
Similar Part No. - DP83016AUG |
|
Similar Description - DP83016AUG |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |