Electronic Components Datasheet Search
  English  ▼

X  

DSP8-08 Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSP8-08
Description  Phase-leg Rectifier Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSP8-08 Datasheet(HTML) 1 Page - IXYS Corporation

  DSP8-08 Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2000 IXYS All rights reserved
1 - 1
V
RSM
V
RRM
TO-220 AB
TO-263 AA
V
V
Type
900
800
DSP 8-08A
DSP 8-08AS
1300
1200
DSP 8-12A
DSP 8-12AS
Symbol
Test Conditions
Maximum Ratings
I
FRMS
T
VJ = TVJM
17
A
I
F(AV)M
T
case = 100°C; 180° sine
11
A
I
FSM
T
VJ = 45°C;
t = 10 ms
(50 Hz), sine
100
A
t = 8.3 ms
(60 Hz), sine
110
A
T
VJ = 150°C;
t = 10 ms
(50 Hz), sine
90
A
t = 8.3 ms
(60 Hz), sine
100
A
I2t
T
VJ = 45°C
t = 10 ms
(50 Hz), sine
50
A2s
t = 8.3 ms
(60 Hz), sine
50
A2s
T
VJ = 150°C;
t = 10 ms
(50 Hz), sine
41
A2s
t = 8.3 ms
(60 Hz), sine
42
A2s
T
VJ
-40...+180
°C
T
VJM
180
°C
T
stg
-40...+150
°C
M
d
Mounting torque
0.4...0.6
Nm
Weight
TO-263/TO-220
2/4
g
Symbol
Test Conditions
Characteristic Values
I
R
T
VJ = 25°CVR
= V
RRM
£
0.5
mA
V
F
I
F = 7 A; TVJ = 25°C
£
1.15
V
V
T0
For power-loss calculations only
0.8
V
r
T
T
VJ = TVJM
40
m
W
R
thJC
DC current
3.5
K/W
R
thCK
DC current (with heatsink compound)
typ.
0.6
K/W
a
Maximum allowable acceleration
100
m/s2
V
RRM =
800/1200 V
I
F(RMS) =
2 x 17 A
I
F(AV)M =
2 x 11 A
Features
q
International standard packages
JEDEC TO-220 AB and TO-263 AA
surface mountable
q
For single and three phase bridge
configuration
q
Planar passivated chips
q
Epoxy meets UL 94V-0 flammability
classification
Data according to IEC 60747 and refer to a single diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions
DSP 8
Phase-leg
Rectifier Diode
TO-263 AA Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
7.11
8.13
.280
.320
E
9.65
10.29
.380
.405
E1
6.86
8.13
.270
.320
e
2.54 BSC
.100 BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L4
0
0.38
0
.015
R
0.46
0.74
.018
.029
1
2
3
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
12.70
13.97
0.500
0.550
B
14.73
16.00
0.580
0.630
C
9.91
10.66
0.390
0.420
D
3.54
4.08
0.139
0.161
E
5.85
6.85
0.230
0.270
F
2.54
3.18
0.100
0.125
G
1.15
1.65
0.045
0.065
H
2.79
5.84
0.110
0.230
J
0.64
1.01
0.025
0.040
K
2.54
BSC
0.100
BSC
M
4.32
4.82
0.170
0.190
N
1.14
1.39
0.045
0.055
Q
0.38
0.56
0.015
0.022
R
2.29
2.79
0.090
0.110
TO-220 AB Outline
TO-220 AB
TO-263 AA
2
(TAB)
1
3
2
1
3
2
2
(TAB)
1 = Cathode, 2 = Anode/Cathode, 3 = Anode
TAB = Anode/Cathode


Similar Part No. - DSP8-08

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSP8-08A IXYS-DSP8-08A Datasheet
77Kb / 3P
Phase-leg Rectifier Diode
DSP8-08A IXYS-DSP8-08A Datasheet
146Kb / 5P
Standard Rectifier
DSP8-08AC IXYS-DSP8-08AC Datasheet
393Kb / 1P
Phase-leg Rectifier Diode ISOPLUS220
DSP8-08AC IXYS-DSP8-08AC Datasheet
1Mb / 1P
Phase-leg Rectifier Diode ISOPLUS220
DSP8-08AS IXYS-DSP8-08AS Datasheet
77Kb / 3P
Phase-leg Rectifier Diode
More results

Similar Description - DSP8-08

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSP25 IXYS-DSP25 Datasheet
36Kb / 2P
Phase-leg Rectifier Diode
L015 IXYS-L015 Datasheet
36Kb / 2P
Phase-leg Rectifier Diode
DSP8-08AC IXYS-DSP8-08AC Datasheet
393Kb / 1P
Phase-leg Rectifier Diode ISOPLUS220
DSP8-08S IXYS-DSP8-08S Datasheet
77Kb / 3P
Phase-leg Rectifier Diode
DSP45 IXYS-DSP45 Datasheet
122Kb / 2P
Phase-leg Rectifier Diode
logo
Microsemi Corporation
APTDF400AK60G MICROSEMI-APTDF400AK60G Datasheet
216Kb / 4P
Diode Phase leg Power Module
APTDF400AK120G MICROSEMI-APTDF400AK120G Datasheet
220Kb / 4P
Diode Phase leg Power Module
logo
IXYS Corporation
MDD312-12N1 IXYS-MDD312-12N1 Datasheet
296Kb / 6P
Standard Rectifier Module Phase leg
MDMA25P1200TG IXYS-MDMA25P1200TG Datasheet
270Kb / 5P
Standard Rectifier Module Phase leg
DSP8 IXYS-DSP8 Datasheet
1Mb / 1P
Phase-leg Rectifier Diode ISOPLUS220
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com