Electronic Components Datasheet Search
  English  ▼

X  

LTC-4798SW Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTC-4798SW
Description  LED Display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC-4798SW Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTC-4798SW Datasheet HTML 1Page - Lite-On Technology Corporation LTC-4798SW Datasheet HTML 2Page - Lite-On Technology Corporation LTC-4798SW Datasheet HTML 3Page - Lite-On Technology Corporation LTC-4798SW Datasheet HTML 4Page - Lite-On Technology Corporation LTC-4798SW Datasheet HTML 5Page - Lite-On Technology Corporation LTC-4798SW Datasheet HTML 6Page - Lite-On Technology Corporation LTC-4798SW Datasheet HTML 7Page - Lite-On Technology Corporation LTC-4798SW Datasheet HTML 8Page - Lite-On Technology Corporation LTC-4798SW Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LTC-4798SW
PAGE:
1 of
9
BNS-OD-C131/A4
LED DISPLAY
LTC-4798SW
DATA SHEET
Item
Description
By
DATE
1
New Spec.
Reo Lin
12/19/2012
2
2.1 Add Pin and Pin Pitch in Page 3
2.2 Modify LED Spec. In Page 5~8
Reo Lin
12/21/2012
3
3.1 Modify Pin length from 12 to 3 mm in Page 3
3.2 Add Packing Spec. In Page 9
Reo Lin
02/04/2013
4.
Revised symbol error in Page 3
Reo Lin
04/10/2013



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com