Electronic Components Datasheet Search
  English  ▼

X  

DSP56166ROM Datasheet(PDF) 15 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 15 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 11Page - Motorola, Inc DSP56166ROM Datasheet HTML 12Page - Motorola, Inc DSP56166ROM Datasheet HTML 13Page - Motorola, Inc DSP56166ROM Datasheet HTML 14Page - Motorola, Inc DSP56166ROM Datasheet HTML 15Page - Motorola, Inc DSP56166ROM Datasheet HTML 16Page - Motorola, Inc DSP56166ROM Datasheet HTML 17Page - Motorola, Inc DSP56166ROM Datasheet HTML 18Page - Motorola, Inc DSP56166ROM Datasheet HTML 19Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
PRELIMINARY - 6/15/93
5
DSP56166 Technical Data Sheet
MOTOROLA
Power Dissipation
(Vdd = 5.0 Vdc +/- 10%, TJ = -40 to +125
°C, CL = 50 pF + 1 TTL Load).
The DC electrical characteristics of this device are shown below.
In order to minimize the power dissipation, all unused digital inputs pins should be tied inactive to VDD or
Vss and all unused I/O pins should be tied inactive through a 10K
Ω resistor to VDD or Vss. All port A input
pins and bydirectional pins must have a valid state at all time when port A is released in order to minimize
power; those pins must then be pulled up or down or driven by another device.
When the codec is not used, VDDA should be connected to VDD and VssA to Vss, and all codec pins should
be left floating except Vref which should still be decoupled.
Conditions
Symbol
Typic
al(5V)
Unit
60
MHz
Digital Vdd with
Codec & PLL disabled
IDD
100
mA
PD
500
mW
Digital Vdd WAIT Mode with
CODEC & PLL disabled
IDD
11
mA
PD
55
mW
Conditions
Symbol
Typical
(5V)
Unit
STOP Mode with
PLL and CLKO disabled
IDD
400
µA
PD
2
mW
Digital current drawn by
the PLL when active
IDD
2
mA
PD
10
mW
Analog Vdd with
CODEC enabled
IDDA
10
mA
PDA
20
mW
Analog Vdd with
CODEC disabled
IDDA
75
µA
PDA
375
µW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com