Electronic Components Datasheet Search
  English  ▼

X  

DS55115J Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS55115J
Description  Dual Differential Line Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS55115J Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS55115J Datasheet HTML 1Page - National Semiconductor (TI) DS55115J Datasheet HTML 2Page - National Semiconductor (TI) DS55115J Datasheet HTML 3Page - National Semiconductor (TI) DS55115J Datasheet HTML 4Page - National Semiconductor (TI) DS55115J Datasheet HTML 5Page - National Semiconductor (TI) DS55115J Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage VCC (Note 1)
7V
Input Voltage at A B and RT Inputs
g
25V
Input Voltage at Strobe Input
55V
Off-State Voltage Applied to Open-Collector Outputs
14V
Maximum Power Dissipation at 25 C
Cavity Package
1433 mW
Molded Package
1362 mW
Operating Free-Air Temperature Range
DS9615M
b
55 Cto a125 C
DS57115
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature
(
inch from case for 4 seconds)
260 C
Derate cavity package 96 mW C above 25 C derate molded package
109 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
DS9615M
45
55
V
DS75115
475
525
V
High Level Output Current (IOH)
b
5mA
Low Level Output Current (IOL)15
mA
Operating Temperature (TA)
DS9615M
b
55
125
C
DS75115
0
70
C
Electrical Characteristics (Notes 2 3 and 5)
Symbol
Parameter
Conditions
DS75115
Units
Min
Typ
Max
VTH
Differential Input High-
VO e 04V IOL e 15 mA VIC e 0V
200
500
mV
Threshold Voltage
VTL
Differential Input Low-
VO e 24V IOH eb5 mA VIC e 0V
b
200
b
500
mV
Threshold Voltage
VICR
Common-Mode Input
VID e g1V
15
24
Voltage Range
to
to
V
b
15
b
19
VIH(STROBE)
High-Level Strobe
24
V
Input Voltage
VIL(STROBE)
Low-Level Strobe
04
V
Input Voltage
VOH
High Level Output Voltage
VCC e Min VID eb05V
TA e Min
24
IOH eb5mA
TA e 25 C
24
34
V
TA e Max
24
VOL
Low Level Output Voltage
VCC e Min VID e 05V IOL e 15 mA
022
045
V
IIL
Low Level Input Current
VCC e Max VI e 04V
TA e Min
b
09
Other Input at 55V
TA e 25 C
b
05
b
07
mA
TA e Max
b
07
ISH
High Level Strobe Current
VCC e Min VID eb05V
TA e 25 C
05
5
m
A
VSTROBE e 45V
TA e Max
10
ISL
Low Level Strobe Current
VCC e Max VID e 05V
TA e 25 C
b
115
b
24
mA
VSTROBE e 04V
I4 I12
Response Time Control
VCC e Max VID e 05V
TA e 25 C
b
12
b
34
mA
Current (Pin 4 or Pin 12)
VRC e 0V
IO(OFF)
Off-State Open-Collector
VCC e Min VOH e 12V
TA e 25 C
Output Current
VID eb45V
TA e Max
m
A
VCC e Min VOH e 525V
TA e 25 C
100
VID eb475V
TA e Max
200
http
www nationalcom
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com