Electronic Components Datasheet Search
  English  ▼

X  

F4A Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # F4A
Description  Power Relay F4 A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

F4A Datasheet(HTML) 2 Page - TE Connectivity Ltd

  F4A Datasheet HTML 1Page - TE Connectivity Ltd F4A Datasheet HTML 2Page - TE Connectivity Ltd F4A Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
12-2017, Rev. 1217
www.te.com
© 2017 TE Connectivity.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
Power Relay F4 A (Continued)
Automotive Relays
Plug-in Mini ISO Relays
Other Data (continued)
Terminal type
plug-in, QC
Cover retention
pull force
150N
push force
200N
Terminal retention
pull force
100N
push force
100N
resistance to bending
10N8)
force applied to side
10N8)
torque
0.3Nm
Weight
approx. 35g (1.2oz)
Packaging unit
standard cover
294 pcs.
cover with notches
273pcs.
7) No change in the switching state >10µs. Valid for NC contacts, NO contact values
significantly higher.
8) Values apply 2mm from the end of the terminal. When the force is removed, the terminal
must not have moved by more than 0.3mm.
Accessories
For details see datasheet
Connectors for Mini ISO Relays
Insulation Data
Initial dielectric strength
between open contacts
500Vrms
between contact and coil
500Vrms
between adjacent contacts
500Vrms
Other Data
EU RoHS/ELV compliance
compliant
Protection to heat and fire according UL94 UL94-HB or better
Ambient temperature
-40 to 125°C
Category of environmental protection,
IEC 61810
RT I (dustproof)
Degree of protection, IEC 60529
IP54 (dustproof)
Vibration resistance (functional)
IEC 60068-2-6 (sine sweep)
10 to 500Hz, min. 5g7)
Shock resistance (functional)
IEC 60068-2-27 (half sine)
11ms, min. 20g7)
Drop test, free fall, IEC 60068-2-32
1m onto concrete
CO
1 form C, 1 CO
54
3
1
2
COD
1 form C, 1 CO with diode
54
3
1
2
Terminal Assignment
COR
1 form C, 1 CO with resistor
54
3
1
2
Dimensions (version with standard cover)
View of the terminals (bottom view)
136A_DD1
136A_DD2
NOR
1 form A, 1 NO with resistor
5
3
1
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com