Electronic Components Datasheet Search
  English  ▼

X  

ECLSOIC8EVB Datasheet(PDF) 2 Page - ON Semiconductor

Part # ECLSOIC8EVB
Description  Evaluation Board Manual for High Frequency SOIC 8
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECLSOIC8EVB Datasheet(HTML) 2 Page - ON Semiconductor

  ECLSOIC8EVB Datasheet HTML 1Page - ON Semiconductor ECLSOIC8EVB Datasheet HTML 2Page - ON Semiconductor ECLSOIC8EVB Datasheet HTML 3Page - ON Semiconductor ECLSOIC8EVB Datasheet HTML 4Page - ON Semiconductor ECLSOIC8EVB Datasheet HTML 5Page - ON Semiconductor ECLSOIC8EVB Datasheet HTML 6Page - ON Semiconductor ECLSOIC8EVB Datasheet HTML 7Page - ON Semiconductor ECLSOIC8EVB Datasheet HTML 8Page - ON Semiconductor ECLSOIC8EVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ECLSOIC8EVB
http://onsemi.com
2
Figure 2. Evaluation Board Lay−up
LAY−UP DETAIL
4 LAYER
LAYER 1 (TOP SIDE)
ROGERS 4003 0.008 in
LAYER 2 (GROUND AND VEE PLANE P1) 1 OZ
FR−4 0.020 in
LAYER 3 (GROUND AND VCC PLANE P2) 1 OZ
FR−4 0.025 in
LAYER 4 (BOTTOM SIDE)
SILKSCREEN (TOP SIDE)
0.062
$ 0.007
Board Layout
The 8−lead SOIC evaluation board was designed to be
versatile and accommodate several different configurations.
The input, output, and power pin layout of the evaluation
board is shown in Figure 3. The evaluation board has at least
eleven possible configurable options. Table 1. list the
devices and the relevant configuration that utilizes this PCB
board. List of components and simple schematics are located
in Figures 4 through 14. Place SMA connectors on J1
through J7, 50
W chip resistors on R1 through R7, and chip
capacitors C1 through C4 according to configuration
figures. (C1 and C2 are 0.01
mF and C3 and C4 are 0.1 mF).
Figure 3. Evaluation Board Layout
Top View
Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com