Electronic Components Datasheet Search
  English  ▼

X  

PBH Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # PBH
Description  1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PBH Datasheet(HTML) 2 Page - TE Connectivity Ltd

  PBH Datasheet HTML 1Page - TE Connectivity Ltd PBH Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Miniature Power PCB Relay PBH 105°C (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Resistance to heat and fire
according EN60335, par.30
Ambient temperature, DC coil
-20 to +105°C
Category of environmental protection
IEC 61810
RTII - flux proof
Vibration resistance (functional)
form A/form B, 30 to 400Hz
>10/4g
Shock resistance (destructive)
>100g
Terminal type
PCB-THT
Weight
5.4g
Resistance to soldering heat THT
IEC 60068-2-20
270°C/10s
Packaging/unit
tube/35 pcs., box/1050 pcs.
PCB layout1) / terminal assignment
Bottom view on solder pins
Dimensions
1)
Layout note:
No openings (e.g. holes, slots, cutouts, unused pins, open through
connexions, etc.) allowed under the relay base. The relay base must be fully
covered by the PCB, recommended minimum distance between the relay
and the edge of the printed circuit board is 5 mm.
For more information, please contact our application support.
Product code
Version
Contacts
Contact material
Coil
Part number
PBH14005
High
1 form C
AgNi 90/10
5VDC
9-1415356-1
PBH14006
temperature
1 CO contact
6VDC
8-1415356-1
PBH14009
version
9VDC
7-1415356-1
PBH14012
12VDC
6-1415356-1
PBH14018
18VDC
6-1415357-1
PBH14022
22VDC
7-1415357-1
PBH14024
24VDC
6-1415355-1
PBH14036
36VDC
9-1415355-1
PBH34005
1 form A
5VDC
5-1415356-1
PBH34006
1 NO contact
6VDC
4-1415356-1
PBH34009
9VDC
3-1415356-1
PBH34012
12VDC
2-1415356-1
PBH34018
18VDC
8-1415357-1
PBH34022
22VDC
9-1415357-1
PBH34024
24VDC
1-1415356-1
PBH34036
36VDC
1415356-1
Product code structure
Typical product code
PB
H
1
4
012
Type
PB Miniature Power PCB Relay PB 105°C
Version
H High temperature version
Contact configuration
1
1 form C contact (1 CO)
3
1 form A contact (1 NO)
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Other types on request.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com