Electronic Components Datasheet Search
  English  ▼

X  

REL Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # REL
Description  1 pole 5 A, 1 form A (NO) contact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

REL Datasheet(HTML) 1 Page - TE Connectivity Ltd

  REL Datasheet HTML 1Page - TE Connectivity Ltd REL Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Miniature PCB Relay REL
n
1 pole 5 A, 1 form A (NO) contact
n
Low height 12.0mm
n
Especially suited for applications white goods,
consumer electronics, etc.
n
Plastic materials according to IEC 60335-1 (domestic appliances)
Typical applications
PLC’s, timers, temperature control, I/O cards, white goods.
Approvals
VDE Cert. No. 40010579, UL E214025
Technical data of approved types on request.
Contact Data
Contact arrangement
1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
5A
Limiting making current, max 4s, duty factor 10%
15A
Contact material
AgNi 90/10, AgCdO
Frequency of operation
with/without load
360/72000 ops./h
Operate/release time max.
10/5ms
Bounce time max.
4ms
Contact ratings
Type
Contact Load
Cycles
IEC 61810
REL30
A (NO)
5A, 250VAC, cos
φ=1, 85°C
100x103
REL30
A (NO)
3A, 400VAC, cos
φ=1, 85°C
400x103
REL34
A (NO)
5A, 250VAC, cos
φ=1, 85°C
100x103
REL34
A (NO)
3A, 400VAC, cos
φ=1, 85°C
400x103
UL 508
REL30
A (NO)
5A, 250VAC,general purpose, 85°C
100x103
REL30
A (NO)
1/4 hp, 240VAC, Motor 85°C
30x103
REL30
A (NO)
B300 pilot duty 40°C
6x103
REL34
A (NO)
5A, 250VAC, resistive, 85°C
100x103
Mechanical endurance
>10x106 operations
Coil Data
Coil voltage range
5 to 48VDC
Operative range, IEC 61810
2
Coil insulation system according UL1446
F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%1)
mW
5
5
3.75
0.5
70
357
6
6
4.5
0.6
100
360
12
12
9.0
1.2
400
360
24
24
18.0
2.4
1600
360
36
36
27.0
3.6
36001)
360
48
48
36.0
4.8
64001)
360
1)
Coil resistance ±15%.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000V
rms
between contact and coil
3000V
rms
Initial insulation resistance
open contact circuit
>10x109Ω
coil-contact circuit
>10x109Ω
Clearance/creepage
between contact and coil
≥4/4mm
Material group of insulation parts
IIIa
Z


Similar Part No. - REL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
REL MACOM-REL Datasheet
148Kb / 2P
Minature PCB Relay
logo
MERITEK ELECTRONICS COR...
REL MERITEK-REL Datasheet
323Kb / 3P
Aluminum Electrolytic Capacitors
logo
Integrated Power Design...
REL-110 IPDPOWER-REL-110 Datasheet
357Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-110-1001 IPDPOWER-REL-110-1001 Datasheet
357Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-110-1002 IPDPOWER-REL-110-1002 Datasheet
357Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT AC-DC
More results

Similar Description - REL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T9A MACOM-T9A Datasheet
242Kb / 3P
1 pole 30 A, 1 NO or 1 CO contact
logo
List of Unclassifed Man...
RP310024 ETC2-RP310024 Datasheet
494Kb / 3P
1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
TE Connectivity Ltd
PBH TEC-PBH Datasheet
225Kb / 2P
1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
SNR TEC-SNR_15 Datasheet
258Kb / 3P
1 pole 6A, 1 form C (CO), 1 form A (NO)
T9V TEC-T9V Datasheet
241Kb / 2P
1 pole 40A, 1 form A (NO) contact
V23061 TEC-V23061 Datasheet
255Kb / 3P
1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com