Electronic Components Datasheet Search
  English  ▼

X  

EPA030C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EPA030C
Description  High Efficiency Heterojunction Power FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EPA030C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EPA030C Datasheet HTML 1Page - List of Unclassifed Manufacturers EPA030C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Excelics
EPA030C
DATA SHEET
High Efficiency Heterojunction Power FET
•
+23.0dBm TYPICAL OUTPUT POWER
•
11.0dB TYPICAL POWER GAIN AT 18GHz
•
0.3 X 300 MICRON RECESSED “MUSHROOM” GATE
•
Si3N4 PASSIVATION
•
ADVANCED EPITAXIAL HETEROJUNCTION
PROFILE PROVIDES EXTRA HIGH POWER
EFFICIENCY, AND HIGH RELIABILITY
•
Idss SORTED IN 10mA PER BIN RANGE
ELECTRICAL CHARACTERISTICS (Ta = 25
OC)
SYMBOLS
PARAMETERS/TEST CONDITIONS
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Compression
f=12GHz
Vds=8V, Ids=50% Idss
f=18GHz
21.0
23.0
23.0
dBm
G1dB
Gain at 1dB Compression
f=12GHz
Vds=8V, Ids=50% Idss
f=18GHz
12.0
13.5
11.0
dB
PAE
Power Added Efficiency at 1dB Compression
Vds=8V, Ids=50% Idss
f=12GHz
45
%
Idss
Saturated Drain Current
Vds=3V, Vgs=0V
50
90
130
mA
Gm
Transconductance
Vds=3V, Vgs=0V
60
95
mS
Vp
Pinch-off Voltage
Vds=3V, Ids=1.0mA
-1.0
-2.5
V
BVgd
Drain Breakdown Voltage Igd=1.0mA
-11
-15
V
BVgs
Source Breakdown Voltage Igs=1.0mA
-7
-14
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
125
oC/W
MAXIMUM RATINGS AT 25
OC
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
12V
8V
Vgs
Gate-Source Voltage
-8V
-3V
Ids
Drain Current
Idss
110mA
Igsf
Forward Gate Current
15mA
2.5mA
Pin
Input Power
21dBm
@3dB Compression
Tch
Channel Temperature
175
oC
150
oC
Tstg
Storage Temperature
-65/175
oC
-65/150
oC
Pt
Total Power Dissipation
1.1W
900mW
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054
Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
Chip Thickness: 75
± 13 microns
All Dimensions In Microns
D
S
G
S
330
50
48
320
100
95
40
45


Similar Part No. - EPA030C

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
High Efficiency Heterojunction Power FET
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
EPA030CV EXCELICS-EPA030CV Datasheet
99Kb / 2P
High Efficiency Heterojunction Power FET
More results

Similar Description - EPA030C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA090A ETC-EPA090A Datasheet
41Kb / 2P
High Efficiency Heterojunction Power FET
EPA040A-70 ETC1-EPA040A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
High Efficiency Heterojunction Power FET
EPA025A EXCELICS-EPA025A Datasheet
48Kb / 3P
High Efficiency Heterojunction Power FET
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
EPA120E EXCELICS-EPA120E Datasheet
58Kb / 2P
High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
High Efficiency Heterojunction Power FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com