Electronic Components Datasheet Search
  English  ▼

X  

ES2828 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ES2828
Description  V.90 PCI DSP Modem Solution
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES2828 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ES2828 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES2828 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES2828 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES2828 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES2828 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES2828 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SAM0402-050301
ESS Technology, Inc.
ES2898/ES2828 PRODUCT BRIEF
PIN DESCRIPTIONS
RFS1
67
I/O
Receive frame for serial port 1. Can be generated either internally or externally. This signal is
asserted one clock before data is sent on the DR1 pin.
TFS1
68
I/O
Transmit frame for serial port 1. Can be generated either internally or externally.
DR1
69
I
Data receive pin for serial port 1.
DT1
70
O
Data transmit pin for serial port 1.
SCLK0
72
I/O
One of two serial clock inputs. This clock can be generated either by the ES2898 or by the
ES2828.
RFS0
73
I/O
Receive frame for serial port 0. Can be generated either internally or externally. This signal is
asserted one clock before data is sent on the DR0 pin.
TFS0
74
I/O
Transmit frame for serial port 0. Can be generated either internally or externally.
DR0
75
I
Data receive pin for serial port 0.
DT0
76
O
Data transmit pin for serial port 0.
TEST / PF9
78
I
Used during device test. Tie this pin to ground through a 4.7k
Ω resistor.
RING_IN
79
I
Used for ring detect input during the D3cold state to drive the device back to its default power-up
state.
VAUX
80
I
Power to device during implementation of the D3cold state required by PCI Power Management
Interface specification.
PME#
81
O
PME# output.
VAUXP
82
I
VAUX support detection input. VAUXP pin is driven high to indicate that ACPI is supported with
D3cold state. No support when driven low.
CLK
84
I
PCI bus input clock. Functions as PCI CLK pin and operates at 33 MHz.
INTA#
86
O
Interrupt A. Used to request an interrupt from the PCI bus.
PAR
87
I/O
Parity pin. PAR is stable and valid one clock after the address phase. For data phases, PAR is
stable and valid one clock after either IRDY# is asserted on a write transaction or TRDY# is
asserted on a read transaction.
FRAME#
89
I/O
Cycle frame. FRAME# is driven by the current master to indicate the beginning and duration of
an access. FRAME# is asserted to indicate the start of a bus transaction. When FRAME# is
deasserted, the transaction is in the final data phase or has been completed.
IRDY#
91
I/O
Initiator ready. IRDY# is used in conjuction with TRDY# and indicates the bus master’s ability to
complete the current data phase of a transaction. During a write transaction, IRDY# indicates
that valid data is present on AD[16:31] and AD[0:15]. During a read transaction, IRDY#
indicates that master is prepared to accept data. Wait cycles are inserted until both IRDY# and
TRDY# are asserted together.
STOP#
92
I/O
Stop. STOP# indicates the current target is requesting the master to stop the current
transaction.
TRDY#
95
O
Target ready. TRDY# is used in conjuction with IRDY# and indicates the bus master’s ability to
complete the current data phase of a transaction. During a write transaction, TRDY# indicates
that valid data is present on AD[16:31] and AD[0:15]. During a read transaction, TRDY#
indicates that master is prepared to accept data. Wait cycles are inserted until both TRDY# and
IRDY# are asserted together.
IDSEL
96
O
Initialization device select. IDSEL is used as a chip select during configuration read and write
transactions.
DEVSEL#
97
O
Device select. When actively driven, DEVSEL# indicates that the driving device has decoded its
address as the target of the current access. As an input, DEVSEL# indicates whether any
device on the bus has been selected.
RESET#
88
I
Active-low ES2898 reset input.
DAA_PM
94
O
DAA power control output.
Table 1 ES2898 Pin Descriptions (Continued)
Names
Pin Numbers
I/O
Definitions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com