Electronic Components Datasheet Search
  English  ▼

X  

SLG46116 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # SLG46116
Description  Soft-Start 1.25 A P-FET Power Switch
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46116 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button SLG46116 Datasheet HTML 9Page - Dialog Semiconductor SLG46116 Datasheet HTML 10Page - Dialog Semiconductor SLG46116 Datasheet HTML 11Page - Dialog Semiconductor SLG46116 Datasheet HTML 12Page - Dialog Semiconductor SLG46116 Datasheet HTML 13Page - Dialog Semiconductor SLG46116 Datasheet HTML 14Page - Dialog Semiconductor SLG46116 Datasheet HTML 15Page - Dialog Semiconductor SLG46116 Datasheet HTML 16Page - Dialog Semiconductor SLG46116 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
000-0046116-109
Page 12 of 87
SLG46116
PONTHR
Power On Threshold
VDD Level Required to Start Up the Chip
1.182
1.346
1.505
V
POFFTHR Power Off Threshold
VDD Level Required to Switch Off the
Chip
0.752
0.918
1.110
V
VIN
Power Switch Input Voltage
-40 °C to 85 °C
1.5
--
5.0
V
IIN
Power Switch Current (PIN 5)
when Off, VIN = 5.0 V
--
0.02
0.1
A
when PWR_SW_ON = VIN, No load
--
0.05
0.5
A
IDS_LKG
Leakage Measured from
PIN 5 to PIN 7
when Off, VIN = 5.0 V
--
0.05
1
A
ION_LKG
PWR_SW_ON Pin Input
Leakage
--
--
0.1
A
RDSON
Static Drain to Source
ON Resistance @ TA 25°C
@ VIN = 5.5 V
--
28.5
32.0
m
@ VIN = 3.3 V
--
36.4
40.0
m
@ VIN = 2.5 V
--
44.3
49.0
m
@ VIN = 1.8 V
--
60.8
65.0
m
@ VIN = 1.5 V
--
77.6
82.0
m
RDSON
Static Drain to Source
ON Resistance @ TA 85°C
@ VIN = 5.5 V
--
34.0
36.0
m
@ VIN = 3.3 V
--
43.8
46.0
m
@ VIN = 2.5 V
--
53.3
56.0
m
@ VIN = 1.8 V
--
72.2
76.0
m
@ VIN = 1.5 V
--
90.7
94.0
m
IDS
Operating Current
VIN = 1.5 V to 5.0 V
--
--
1.25
A
TOn_Delay
PWR_SW_ON pin Delay
Time
50% PWR_SW_ON to Ramp Begin
VIN = 5 V, VOUT_Cap = 0.1 F,
RL = 10 
12.0
15.0
18.5
s
50% PWR_SW_ON to Ramp Begin
VIN = 3.3 V, VOUT_Cap = 0.1 F,
RL = 10 
17.0
22.0
30.0
s
50% PWR_SW_ON to Ramp Begin
VIN = 1.5 V, VOUT_Cap = 0.1 F,
RL = 10 
44.0
55.0
76.0
s
TTotal_On
Total Turn On Time
50% PWR_SW_ON to 90% VOUT
VIN = 5 V, VOUT_Cap = 0.1 F,
RL = 10 
114
122
134
s
50% PWR_SW_ON to 90% VOUT
VIN = 3.3 V, VOUT_Cap = 0.1 F,
RL = 10 
146
156
176
s
50% PWR_SW_ON to 90% VOUT
VIN = 1.5 V, VOUT_Cap = 0.1 F,
RL = 10 
292
332
399
s
TRISE
Rise Time
10% VOUT to 90% VOUT
VIN = 5.0 V, VOUT_Cap = 0.1 F,
RL = 10 
92
97
107
s
10% VOUT to 90% VOUT
VIN = 3.3 V, VOUT_Cap = 0.1 F,
RL = 10 
116
120
131
s
10% VOUT to 90% VOUT
VIN = 1.5 V, VOUT_Cap = 0.1 F,
RL = 10 
228
253
296
s
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com