Electronic Components Datasheet Search
  English  ▼

X  

SBL4030S Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # SBL4030S
Description  SCHOTTKY BARRIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

SBL4030S Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  SBL4030S Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL4030S Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL4030S Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL4030S Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL4030S Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL4030S Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本(Rev.):201510B
1/6
肖特基势垒二极管
SCHOTTKY BARRIER DIODE
SBL4030
订 货 型 号
Order codes
印
记
Marking
封
装
Package
无卤素
Halogen Free
包
装
Packaging
器件重量
Device Weight
SBL4030Z
SBL4030
TO-220
否
NO
条管 Tube
1.98g(approx.)
SBL4030ZR
SBL4030
TO-220
是
YES
条管 Tube
1.98g(approx.)
SBL4030S
SBL4030
TO-263
否
NO
条管 Tube
1.90g(approx.)
SBL4030SR
SBL4030
TO-263
是
YES
条管 Tube
1.90g(approx.)
SBL4030S
SBL4030
TO-263
否
NO
编带 Reel
1.90g(approx.)
SBL4030SR
SBL4030
TO-263
是
YES
编带 Reel
1.90g(approx.)
主要参数
MAIN
CHARACTERISTICS
IF(AV)
40(2×20)A
VRRM
30 V
Tj
125 ℃
IFSM
300 A
EAS
20mJ
VF(max)
0.50V (@Tj=100℃)
封装 Package
TO-220
TO-263
用途
l 低压、高频整流
l 低压续流电路和保护电
路
APPLICATIONS
l Low voltage, high frequency
rectifier
l freewheeling,
and
polarity
protection applications.
产品特性
l共阴结构
l低功耗,高效率
l良好的高温特性
l有过压保护环,高可靠性
l环保(RoHS)产品
FEATURES
lCommon cathode structure
lLow power loss, high efficiency
lHigh Operating Junction
Temperature
lGuard ring for overvoltage
protection,High reliability
lRoHS product
订货信息 ORDER MESSAGE


Similar Part No. - SBL4030S

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
SBL4030CT SIRECT-SBL4030CT Datasheet
178Kb / 2P
Power Schottky Rectifier - 40Amp 30Volt
logo
Won-Top Electronics
SBL4030CT WTE-SBL4030CT Datasheet
55Kb / 4P
40A DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
SBL4030DC WTE-SBL4030DC Datasheet
55Kb / 4P
40A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
SBL4030DC-T3 WTE-SBL4030DC-T3 Datasheet
55Kb / 4P
40A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
SBL4030FCT WTE-SBL4030FCT Datasheet
55Kb / 4P
40A DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
More results

Similar Description - SBL4030S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com