Electronic Components Datasheet Search
  English  ▼

X  

FMMTA20 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FMMTA20
Description  SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMTA20 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FMMTA20 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 NPN SILICON PLANAR
SMALL SIGNAL TRANSISTOR
ISSUE 2 – MARCH 1995
PARTMARKING DETAIL –
FMMTA20 – 1C
FMMTA20R – 3C
COMPLEMENTARY TYPE – FMMTA70
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
4V
Continuous Collector Current
IC
100
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
40
V
IC=1mA, IE=0
Emitter-Base
Breakdown Voltage
V(BR)EBO
4V
IE=100mA, IC=0
Collector Cut-Off
Current
ICBO
0.1
µ
A
VCB=30V, IE=0
Static Forward
Current Transfer Ratio
hFE
40
400
IC=5mA, VCE=10V*
Collector-Emitter
Saturation Voltage
VCE(sat)
0.25
V
IC=10mA,IB=1mA
Transition
Frequency
fT
125
MHz
IC=5mA, VCE=10V
f=100MHz
Output Capacitance
Cobo
4pF
VCB=10V, f=140kHz, IE=0
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
FMMTA20
C
B
E
SOT23


Similar Part No. - FMMTA20

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTA2369A-P5 ZETEX-FMMTA2369A-P5 Datasheet
38Kb / 2P
SOT23 NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTORS
FMMTA2369AR-9A ZETEX-FMMTA2369AR-9A Datasheet
38Kb / 2P
SOT23 NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTORS
More results

Similar Description - FMMTA20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMMT2484 ETC-FMMT2484 Datasheet
28Kb / 1P
SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Zetex Semiconductors
BCX70 ZETEX-BCX70 Datasheet
65Kb / 2P
SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR
BCW60 ZETEX-BCW60 Datasheet
68Kb / 2P
SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
FMMTA70 ZETEX-FMMTA70 Datasheet
28Kb / 1P
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
List of Unclassifed Man...
FMMT5088 ETC1-FMMT5088 Datasheet
37Kb / 1P
SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
logo
Zetex Semiconductors
FMMT2484 ZETEX-FMMT2484 Datasheet
31Kb / 1P
SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR
FMMT5087 ZETEX-FMMT5087 Datasheet
29Kb / 1P
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
FMMT5088 ZETEX-FMMT5088 Datasheet
31Kb / 1P
SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
FMMT5209 ZETEX-FMMT5209 Datasheet
31Kb / 1P
SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
BCW31 ZETEX-BCW31 Datasheet
32Kb / 1P
SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com