Electronic Components Datasheet Search
  English  ▼

X  

FPD94128 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD94128
Description  528-Ch Small Format a-Si AMLCD Controller / Column Driver with Integrated Frame Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD94128 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  FPD94128 Datasheet HTML 1Page - National Semiconductor (TI) FPD94128 Datasheet HTML 2Page - National Semiconductor (TI) FPD94128 Datasheet HTML 3Page - National Semiconductor (TI) FPD94128 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FPD94128
528-Ch Small Format a-Si AMLCD Controller / Column
Driver with Integrated Frame Buffer
General Description
The FPD94128 is a Controller/Column Driver for use in
low-power small format color TFT LCD displays. The
FPD94128 contains a frame buffer, display refresh controller,
programmable gamma reference, 528-channel column
driver, and a backlight intensity modulator. The FPD94128
and the companion FPD93140 (gate driver with power sup-
ply) form a complete 2-chip solution for driving TFT LCD
panels containing up to 176RGB x 240 pixels with versatile
mounting and scan options. 262,144 colors are supported in
18-bit color mode, and 12-bit, 9-bit, and 3-bit color modes
are provided for reduced power. Data may be loaded via
serial, 8/16-bit parallel, and video interfaces (18-bit NTSC
R’G’B’ or 8/16-bit BT.601 4:2:2 Y’CbCr).
The video frame rate and the refresh rate of the LCD panel
are independent. The LCD panel refresh rate and the polar-
ity inversion interval are programmable. The LCD panel
refresh rate may be up to 125 fps. Two partial-display re-
gions, reduced-color modes, and an automatic backlight
control are provided to minimize total system power con-
sumption. The FPD94128 requires no external components.
Parts are provided as gold bumped flip-chip devices. The
nominal range for VDD is [1.8V-3.3] V, and the nominal
range for the LCD drive voltage is [3.3-5.5] V.
Features
n
Video port accepts 18-bit video (NTSC R’G’B’) or
8/16-bit video (BT.601 Y’CbCr 4:2:2) at up to 150 QCIF
fps (4 Mpix/s).
n
CPU port accepts packed graphics data (1.1.1, 3.3.2,
4.4.4, 5.6.5, 6.6.6 RGB) via SPI or parallel 8/16-bit
(80x/68x) interfaces
n
Internal frame buffer supports up to 176RGB x 240
(18-bit pixels).
n
Flexible mounting/scan options provide for symmetric
display layout
n
Programmable for smaller display resolutions such as
176RGB x 220, 144RGB x 176, 132RGB x 176, etc.
n
No external components.
n
Quiescent power ~2.5mW in 18-bit mode
n
Programmable color-depth allows selection of 3, 9, 12,
or 18-bit color modes to further reduce power.
n
Power-saving automatic backlight intensity reduction
based on statistics of image data or by direct system
control.
n
Two-region partial display option for ultra-low power in
handset stand-by mode.
n
Frame, line, or n-line inversion modes.
n
Programmable gamma curve control allows easy
adjustment for optimum gray level placement and
minimum flicker.
n
Programmable line rate supports up to 125Hz display
refresh rate.
n
Separate addressing of two memory regions allows
simultaneous loading of both streaming video and
graphic/icon data
n
Versatile auto-increment addressing modes allow
horizontal or vertical raster scanning.
n
Factory-calibrated internal clock provides accurate
refresh control with no external components.
Ordering Information
NSID
Function
Package
FPD93140
Gate Driver (see Datasheet)
COG
FPD94128
Column Driver
COG
ADVANCE INFORMATION
May 2003
© 2003 National Semiconductor Corporation
DS200729
www.national.com


Similar Part No. - FPD94128

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
FPD95120 NSC-FPD95120 Datasheet
222Kb / 2P
320-Channel LTPS/CGS Driver with MPL1 Interface
FPD95220 NSC-FPD95220 Datasheet
155Kb / 2P
320-Channel LTPS Dot Inversion Driver with Programmable Partial Display
FPD95320 NSC-FPD95320 Datasheet
215Kb / 2P
320-Channel LTPS/CGS Driver with Partial Display Memory and MPL-1 Interface
More results

Similar Description - FPD94128

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T6A39 TOSHIBA-T6A39 Datasheet
360Kb / 8P
COLUMN DRIVER FOR A DOT MATRIX LCD
T6A92 TOSHIBA-T6A92 Datasheet
283Kb / 8P
COLUMN DRIVER LSI FOR A DOT MATRIX LCD
T6B07 TOSHIBA-T6B07 Datasheet
438Kb / 10P
COLUMN DRIVER FOR A DOT MATRIX LCD
logo
NEC
UPD161623 NEC-UPD161623 Datasheet
536Kb / 83P
528 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
logo
Micrel Semiconductor
KS8993 MICREL-KS8993 Datasheet
225Kb / 35P
3-Port 10/100 Integrated Switch with PHY and Frame Buffer
SY87813L MICREL-SY87813L_06 Datasheet
205Kb / 35P
3-Port 10/100 Integrated Switch with PHY and Frame Buffer
logo
International Rectifier
AUIR08152S IRF-AUIR08152S_15 Datasheet
999Kb / 13P
BUFFER GATE DRIVER INTEGRATED CIRCUIT
logo
Infineon Technologies A...
AUIR08152S INFINEON-AUIR08152S Datasheet
1Mb / 18P
BUFFER GATE DRIVER INTEGRATED CIRCUIT
2015-11-09
logo
Richtek Technology Corp...
RT8170A RICHTEK-RT8170A Datasheet
630Kb / 45P
Single-Phase Controller with Integrated Driver
RT8175A RICHTEK-RT8175A Datasheet
717Kb / 47P
Single-Phase Controller with Integrated Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com