Electronic Components Datasheet Search
  English  ▼

X  

SLG46120 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # SLG46120
Description  Personal Computers and Servers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46120 Datasheet(HTML) 2 Page - Dialog Semiconductor

  SLG46120 Datasheet HTML 1Page - Dialog Semiconductor SLG46120 Datasheet HTML 2Page - Dialog Semiconductor SLG46120 Datasheet HTML 3Page - Dialog Semiconductor SLG46120 Datasheet HTML 4Page - Dialog Semiconductor SLG46120 Datasheet HTML 5Page - Dialog Semiconductor SLG46120 Datasheet HTML 6Page - Dialog Semiconductor SLG46120 Datasheet HTML 7Page - Dialog Semiconductor SLG46120 Datasheet HTML 8Page - Dialog Semiconductor SLG46120 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
000-0046120-108
Page 1 of 91
SLG46120
1.0 Overview
The SLG46120 provides a small, low power component for commonly used mixed-signal functions. The user creates their circuit
design by programming the one time Non-Volatile Memory (NVM) to configure the interconnect logic, the I/O Pins and the
macrocells of the SLG46120. This highly versatile device allows a wide variety of mixed-signal functions to be designed within a
very small, low power single integrated circuit. The macrocells in the device include the following:
•
Two Analog Comparators (ACMP)
•
Voltage References (Vref)
•
Five Combinatorial Look Up Tables (LUTs)
• One 2-bit LUTs
• Four 3-bit LUTs
•
Twelve Combination Function Macrocell
• Four Selectable DFF/Latch or 2-bit LUTs
• Four Selectable DFF/Latch or 3-bit LUTs
• One Selectable Pipe Delay or 3-bit LUT
• Pipe Delay – 8 stage / 2 output, one 1 stage fixed output
• Two Selectable Counter/Delay or 4-bit LUT
• One Programmable Delay / Deglitch Filter
•
Two Counter / Delay Generators (CNT/DLY)
• One 8-bit counter/delay
• One 14-bit counter/delay with external clock/reset
•
Eight D Flip-Flop / Latches (DFF) (Part of Combination Function Macrocell)
•
Pipe Delay – 8 stage/2 output (Part of Combination Function Macrocell)
•
One Bandgap
•
RC Oscillator (RC OSC)
•
Power On Reset (POR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com