Electronic Components Datasheet Search
  English  ▼

X  

G751 Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G751
Description  Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G751 Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G751 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Ver: 2.4
Nov 26, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G751
Global Mixed-mode Technology Inc.
Figure1 O.S. Output Temperature Response Diagram
Temperature Data Format
Temperature data can be read from the Temperature,
TOS Set Point, and THYST Set Point registers; and
written to the TOS Set Point, and THYST Set Point reg-
isters. Temperature data is represented
by a 9-bit, two’s complement word with an LSB
(Least Significant Bit) equal to 0.5°C:
DIGITAL OUTPUT
TEMPERATURE
BINARY
HEX
+125°C
0 1111 1010
0FAh
+25°C
0 0011 0010
032h
+0.5°C
0 0000 0001
001h
0°C
0 0000 0000
000h
-0.5°C
1 1111 1111
1FFh
-25°C
1 1100 1110
1CEh
-55°C
1 1001 0010
192h
Shutdown Mode
Shutdown mode is enabled by setting the shutdown
bit in the Configuration register via the SMBus. Shut-
down mode reduces power supply current to 1 µA
typical. In interrupt mode O.S. is reset if previously
set and is undefined in Compatator mode during
shutdown. The SMBus interface remains active. Ac-
tivity on the clock and data lines of the SMBus may
slightly increase shutdown mode quiescent current.
TOS, THYST, and Configuration registers can be read
from and written to in shutdown mode.
Fault Queue
A fault queue of up to 6 faults is provided to prevent
false tripping of O.S. when the G751 is used in noisy
environments. The number of faults set in the queue
must occur consecutively to set the O.S. output.
Comparator/Interrupt Mode
As indicated in the O.S. Output Temperature Re-
sponse Diagram, Figure 1, the events that trigger
O.S. are identical for either Comparator or Interrupt
mode. The most important difference is that in Inter-
rupt mode the O.S. will remain set indefinitely once it
has been set. To reset O.S. while in Interrupt mode,
perform a read from any register in the G751.
O.S. Output
The O.S. output is an open-drain output and does
not have an internal pull-up. A ”high” level will not be
observed on this pin until pull-up current is provided
from some external source, typically a pull-up resis-
tor. Choice of resistor value depends on many sys-
tem factors but, in general, the pull-up resistor
should be as large as possible. This will minimize
any errors due to internal heating of the G751. The
maximum resistance of the pull up, based on G751
specification for High Level Output Current, to pro-
vide a 2V high level, is 30k
Ω.
O.S. Polarity
The O.S. output can be programmed via the con-
figuration register to be either active low (default
mode), or active high. In active low mode the O.S.
output goes low when triggered exactly as shown on
the O.S. Output Temperature Response Diagram,
Figure 1. Active high simply inverts the polarity of the
O.S. output.
*
*
*
*
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com