Electronic Components Datasheet Search
  English  ▼

X  

G940 Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G940
Description  3.7V 400mA Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G940 Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G940 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G940 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G940 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G940 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G940 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G940 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G940 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G940 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ver: 5.5
May 13, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G940/G941
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN=5V, CIN=1µF, COUT=10µF, TA=25°C, unless otherwise noted.)
Ch1: Vout (offset=3.70V)
Ch1: Iout (400mA/div)
Ch2: Vin (offset=5.0V)
Ch2: Vout (offset=3.70V)
Iout=100mA
Ground Current vs. Load Current
Line Transient
Load Transient
Output Voltage Accuracy vs. Load Current
Dropout Voltage vs. Load Current
0
100
200
300
400
500
600
700
800
900
0
50
100
150
200
250
300
350
400
450
Load Current (mA)
-1.000%
-0.500%
0.000%
0.500%
1.000%
1.500%
2.000%
0
50
100 150 200 250 300 350 400 450 500 550 600
Load Current (mA)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
50
100
150
200
250
300
350
400
Load Current (mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com