Electronic Components Datasheet Search
  English  ▼

X  

VXM9 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VXM9
Description  2.0 x 1.6mm Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VXM9 Datasheet(HTML) 2 Page - Vectron International, Inc

  VXM9 Datasheet HTML 1Page - Vectron International, Inc VXM9 Datasheet HTML 2Page - Vectron International, Inc VXM9 Datasheet HTML 3Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Vectron International • 267 Lowell Road, Suite 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page2
Tape & Reel
Table 7. Tape and Reel Dimensions (mm)
Tape
Reel
A
B
C
D
E
F
G
H
J
K
L
M
A
B
C
D
E
W
T
2.25
1.85
8.0
3.5
1.75
4.0
4.0
2.0
0.5
1.55
0.25
0.65
180
60
21.0
13.0
2.0
9.0
2.0
Reliability & IR Compliance
Table 2: Reflow Profile
Parameter
Symbol
Value
PreHeat Time
Ts-min
Ts-max
t
S
60 sec Min, 260 sec Max
150°C
200°C
Ramp Up
R
UP
3 °C/sec Max
Time Above 217 °C
t
L
60 sec Min, 150 sec Max
Time To Peak Temperature
T
AMB-P
480 sec Max
Time at 260 °C
t
P
30 sec Max
Ramp Down
R
DN
6 °C/sec Max
Pads are Au over Ni and compatible with either SnPb or Pb free attachment.
MSL: 1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com