Electronic Components Datasheet Search
  English  ▼

X  

HCF4029B Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF4029B
Description  PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4029B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF4029B Datasheet HTML 3Page - STMicroelectronics HCF4029B Datasheet HTML 4Page - STMicroelectronics HCF4029B Datasheet HTML 5Page - STMicroelectronics HCF4029B Datasheet HTML 6Page - STMicroelectronics HCF4029B Datasheet HTML 7Page - STMicroelectronics HCF4029B Datasheet HTML 8Page - STMicroelectronics HCF4029B Datasheet HTML 9Page - STMicroelectronics HCF4029B Datasheet HTML 10Page - STMicroelectronics HCF4029B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HCF4029B
7/12
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tPLH tPHL Propagation Delay Time
(Q Outputs)
5
250
500
ns
10
120
240
15
90
180
tPLH tPHL Propagation Delay Time
(Carry Output)
5
280
560
ns
10
130
260
15
95
190
tTHL tTLH Transition Time
(Q Outputs, Carry Output)
5
100
200
ns
10
50
100
15
40
80
tW
Minimum Clock Pulse
Width
590
180
ns
10
45
90
15
30
60
tr, tf
(1)
Clock Rise and Fall Time
5
15
ns
10
15
15
15
tsetup
(2)
Minimum Setup Time
(Carry Input)
530
60
ns
10
10
20
15
6
12
tsetup
Minimum Setup Time
(B/D or U/D)
5
170
340
ns
10
70
140
15
50
100
fMAX
Maximum Clock Input
Frequency
52
4
MHz
10
4
8
15
5.5
11
PRESET ENABLE
tPLH tPHL Propagation Delay Time
(Q Outputs)
5
235
470
ns
10
100
200
15
80
160
tPLH tPHL Propagation Delay Time
(Carry Output)
5
320
640
ns
10
145
290
15
105
210
tW
Minimum Preset Enable
(Pulse Width)
565
130
ns
10
35
70
15
25
50
trem
(2)
Minimum Preset Enable
(Removal Time)
5
100
200
ns
10
55
110
15
40
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com