Electronic Components Datasheet Search
  English  ▼

X  

HCF4029BEY Datasheet(PDF) 8 Page - STMicroelectronics

Part # HCF4029BEY
Description  PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4029BEY Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HCF4029BEY Datasheet HTML 4Page - STMicroelectronics HCF4029BEY Datasheet HTML 5Page - STMicroelectronics HCF4029BEY Datasheet HTML 6Page - STMicroelectronics HCF4029BEY Datasheet HTML 7Page - STMicroelectronics HCF4029BEY Datasheet HTML 8Page - STMicroelectronics HCF4029BEY Datasheet HTML 9Page - STMicroelectronics HCF4029BEY Datasheet HTML 10Page - STMicroelectronics HCF4029BEY Datasheet HTML 11Page - STMicroelectronics HCF4029BEY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HCF4029B
8/12
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
(1) If more than one unit is cascated in the parallel clocked application tr should be made less than or equal to the sum of the fixed propagation
delay at 15pF and the transition time of the carry output driving stage for the estimated capacitance load.
(2) From Up/Down, Binary/Decade, Carry In or Preset Enable Control Inputs to Clock Edge.
(3) From Carry In to Clock Edge.
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = 200KΩ
RT = ZOUT of pulse generator (typically 50Ω)
PRESET ENABLE
tPHL tPLH Propagation Delay Time
(Carry Output)
5
170
340
ns
10
70
140
15
50
100
tsetup
(3)
Minimum Setup Time
(Carry In)
525
50
ns
10
15
30
15
12
25
thold
Minimum Hold Time
(Carry In)
5
100
200
ns
10
35
70
15
30
60
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com