Electronic Components Datasheet Search
  English  ▼

X  

HCF4029BM1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4029BM1
Description  PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4029BM1 Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4029BM1 Datasheet HTML 1Page - STMicroelectronics HCF4029BM1 Datasheet HTML 2Page - STMicroelectronics HCF4029BM1 Datasheet HTML 3Page - STMicroelectronics HCF4029BM1 Datasheet HTML 4Page - STMicroelectronics HCF4029BM1 Datasheet HTML 5Page - STMicroelectronics HCF4029BM1 Datasheet HTML 6Page - STMicroelectronics HCF4029BM1 Datasheet HTML 7Page - STMicroelectronics HCF4029BM1 Datasheet HTML 8Page - STMicroelectronics HCF4029BM1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HCF4029B
2/12
signal is normally high and the counter reaches its
maximum count in the UP mode or the minimum
count in the DOWN mode provided the CARRY-IN
signal is low. The CARRY-IN signal in the low
state can thus be considered a CLOCK ENABLE.
The CARRY-IN terminal must be connected to
VSS when not in use. Binary counting is
accomplished when the BINARY/DECODE input
is high; the counter counts in the decade mode
when the BINARY/DECADE input is low. The
counter counts Up when to UP/DOWN INPUT is
high, and Down when the UP/DOWN INPUT is
low. Multiple packages can be connected in either
a
parallel
clocking
or
a
ripple
clocking
arrangement.
Parallel
clocking
provides
synchronous
control
and,
hence,
a
faster
response
from
all
counting
outputs.
Ripple
clocking allows for longer clock input rise and fall
times.
IINPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
FUNCTIONAL DIAGRAM
PIN No
SYMBOL
NAME AND FUNCTION
15
CLOCK
Clock Input
5
CARRY IN
Carry In Input
9
BINARY/
DECADE
Binary / Decade Select
10
UP/DOWN
Up/Down Select
1
PRESET
ENABLE
Preset Enable Input
4, 12, 13, 3
JAM1 to JAM4 Jam Input Signals
6, 11, 14, 2
Q1 to Q4
Q Outputs
7
CARRY OUT
Carry Out Outputs
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com