Electronic Components Datasheet Search
  English  ▼

X  

SLG46538 Datasheet(PDF) 92 Page - Dialog Semiconductor

Part # SLG46538
Description  Logic & Mixed Signal Circuits
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46538 Datasheet(HTML) 92 Page - Dialog Semiconductor

Back Button SLG46538 Datasheet HTML 88Page - Dialog Semiconductor SLG46538 Datasheet HTML 89Page - Dialog Semiconductor SLG46538 Datasheet HTML 90Page - Dialog Semiconductor SLG46538 Datasheet HTML 91Page - Dialog Semiconductor SLG46538 Datasheet HTML 92Page - Dialog Semiconductor SLG46538 Datasheet HTML 93Page - Dialog Semiconductor SLG46538 Datasheet HTML 94Page - Dialog Semiconductor SLG46538 Datasheet HTML 95Page - Dialog Semiconductor SLG46538 Datasheet HTML 96Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 205 page
background image
SLG46538_DS_109
Page 91 of 204
SLG46538
Table 82. CNT/DLY4 Register Settings
Signal Function
Register Bit
Address
Register Definition
LUT3_7 or
Counter4 Select
reg<1196>
0: LUT3_7
1: Counter4
Delay4 Mode Select
or asynchronous
counter reset
reg<1289:1288> 00: on both falling and rising edges (for delay & counter reset)
01: on falling edge only (for delay & counter reset)
10: on rising edge only (for delay & counter reset)
11: no delay on either falling or rising edges / counter high level reset
Counter/delay4
Clock Source Select
reg<1292:1290> 000: Internal OSC clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: 25MHz OSC clock
110: External Clock
111: Counter3 Overflow
Counter/delay4
Output Selection for
Counter mode
reg<1293>
0: Default Output
1: Edge Detector Output
Counter/delay4
Mode Selection
reg<1295:1294> 00: Delay mode
01: One Shot
10: Freq. Detect
11: Counter mode
Counter/delay4
Control Data
reg<1559:1552> 1 - 255
Table 83. CNT/DLY5 Register Settings
Signal Function
Register Bit
Address
Register Definition
LUT3_8 or
Counter5 Select
reg<1195>
0: LUT3_8
1: Counter5
Delay5 Mode Select
or asynchronous
counter reset
reg<1297:1296> 00: on both falling and rising edges (for delay & counter reset)
01: on falling edge only (for delay & counter reset)
10: on rising edge only (for delay & counter reset)
11: no delay on either falling or rising edges / counter high level reset
Counter/delay5
Clock Source Select
reg<1300:1298> 000: Internal OSC clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: 25 MHz OSC clock
110: External Clock
111: Counter4 Overflow
Counter/delay5
Output Selection for
Counter mode
reg<1301>
0: Default Output
1: Edge Detector Output
Counter/delay5
Mode Selection
reg<1303:1302> 00: Delay mode
01: One Shot
10: Freq. Detect
11: Counter mode
Counter/delay5
Control Data
reg<1567:1560> 1 - 255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com