Electronic Components Datasheet Search
  English  ▼

X  

SLG46826 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # SLG46826
Description  Two High Speed General Purpose Rail-to-Rail Analog
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46826 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button SLG46826 Datasheet HTML 9Page - Dialog Semiconductor SLG46826 Datasheet HTML 10Page - Dialog Semiconductor SLG46826 Datasheet HTML 11Page - Dialog Semiconductor SLG46826 Datasheet HTML 12Page - Dialog Semiconductor SLG46826 Datasheet HTML 13Page - Dialog Semiconductor SLG46826 Datasheet HTML 14Page - Dialog Semiconductor SLG46826 Datasheet HTML 15Page - Dialog Semiconductor SLG46826 Datasheet HTML 16Page - Dialog Semiconductor SLG46826 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 165 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.4
13 of 165
© 2018 Dialog Semiconductor
SLG46826
GreenPAK Programmable Mixed Signal Matrix with In-System
Programmability
PRELIMINARY
3
Characteristics
3.1 ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, so functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specification are not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect
device reliability.
3.2 RECOMMENDED OPERATING CONDITIONS
3.3 ELECTRICAL CHARACTERISTICS
Table 4: Electrical Characteristics at T = -40 °C to +85 °C, VDD = 2.3 V to 5.5 V Unless Otherwise Noted
Table 2: Absolute Maximum Ratings
Parameter
Min.
Max.
Unit
VHIGH to GND
-0.3
7
V
Voltage at Input Pin
-0.3
7
V
Current at Input Pin
-1.0
1.0
mA
Input leakage (Absolute Value)
--
1000
nA
Storage Temperature Range
-65
150
°C
Junction Temperature
--
150
°C
ESD Protection (Human Body Model)
2000
--
V
ESD Protection (Charged Device Model)
1300
--
V
Moisture Sensitivity Level
1
Table 3: Recommended Operating Conditions
Parameter
Condition/Note
Min.
Max.
Unit
Supply Voltage (VDD)2.3
5.5
V
Supply Voltage 2 (VDD2)VDD2 ≤ VDD
1.71
5.5
V
Operating Temperature
-40
85
°C
Maximal Voltage Applied to any PIN in High
Impedance State
--
VDD+
0.3
(Note 2)
V
Capacitor Value at VDD
0.1
--
F
Analog Input Common Mode Range
Allowable Input Voltage at Analog
Pins
0VDD
V
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VIH
HIGH-Level Input Voltage
Logic Input (Note 3)
0.7x
VDD
(Note 2)
--
VDD+
0.3
(Note 2)
V
Logic Input with Schmitt Trigger
0.8x
VDD
(Note 2)
--
VDD+
0.3
(Note 2)
V
Low-Level Logic Input (Note 3)
1.25
--
VDD+
0.3
(Note 2)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com