Electronic Components Datasheet Search
  English  ▼

X  

SLG55031 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # SLG55031
Description  Low Voltage Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG55031 Datasheet(HTML) 3 Page - Dialog Semiconductor

  SLG55031 Datasheet HTML 1Page - Dialog Semiconductor SLG55031 Datasheet HTML 2Page - Dialog Semiconductor SLG55031 Datasheet HTML 3Page - Dialog Semiconductor SLG55031 Datasheet HTML 4Page - Dialog Semiconductor SLG55031 Datasheet HTML 5Page - Dialog Semiconductor SLG55031 Datasheet HTML 6Page - Dialog Semiconductor SLG55031 Datasheet HTML 7Page - Dialog Semiconductor SLG55031 Datasheet HTML 8Page - Dialog Semiconductor SLG55031 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
000-0055031-100
Page 3 of 12
SLG55031
Absolute Maximum Conditions
Parameter
Min.
Max.
Unit
VCCto GND
-0.3
6.0
V
Voltage at Logic Input pins
-0.3
6.0
V
Current at input pin
-1.0
1.0
mA
Storage temperature range
-65
150
°C
Operating temperature range
0
70
°C
Junction temperature
--
150
°C
Moisture Sensitivity Level
1
Electrical Characteristics (-10°C to 75°C)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
Iq
Quiescent Current
ENABLE = 1, VG not ramping
1.5
5
μA
ISTBY
Standby Current
ENABLE = 0
2
3
μA
T
Operating Temperature
0
25
70
°C
VD
Driven FET Drain Voltage
May dynamically vary
0.7
--
1.5
V
VG
Gate Voltage
Tracks Supply VCC
4.75
5.0
5.25
V
TVT
FET Turn on Delay
FET VT <2.0V
FET GATE CIN < 4nF
38
--
μs
IDISCHARGE
Internal Discharge Equiva-
lent Current
Discharges MOSFET Source
--
--
10
mA
VIH
HIGH-level input voltage
ENABLE pin
2.0
--
--
V
VIL
LOW-level Input voltage
ENABLE pin
--
--
1.0
V
IIH
HIGH-level Input Current
Digital pins, VIN = VCC
-1.0
--
1.0
μA
IIL
LOW-level input Current
Digital pins, VIN = 0V
-1.0
--
1.0
μA
VOH_LOGIC DONE Pull-up Voltage
Open Drain Output Buffer
--
--
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com