Electronic Components Datasheet Search
  English  ▼

X  

PE6121 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6121
Description  SMB Plug Non-Shorting Dust Cap With 2.5 Inch Chain
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6121 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6121 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6121 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6121 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Protects against dust and contaminants
• Protects against physical damage
• Nickel Plated Body
• Chain Included
Applications
• General Purpose Laboratory Use
• Test and Measurement
.
Description
Pasternack’s PE6121 connector dust cap has an SMB interface and a plug connection type. Our SMB plug dust cap is a non-
shorting design with a nickel plated body to ensure durability. The Pasternack non-shorting SMB connector cap comes with a
2.5 inch chain and is part of over 40,000 RF, microwave and millimeter wave products that ship the same day.
RF connector dust caps are essential for precision connectors, protecting them from dust, corrosion and potential damage
especially to test and measurement equipment. Specific RF connector cap models come with a chain to prevent loss or
misplacement. Internal short connector cap versions are available to protect equipment from a spike in current caused by
electrostatic discharge (ESD).
Mechanical Specifications
Configuration
Connector
SMB Plug Non-Shorting
Chain Option
2.5 in Chain
.
Description
Material
Plating
Body
Brass
Nickel
.
Size
Length
0.64 in [16.26 mm]
Width
0.25 in [6.35 mm]
.
Weight
0.013 lbs [5.9 g]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Plug Non-Shorting Dust Cap With 2.5 Inch Chain PE6121
PE6121 REV 1.2
SMB Plug Non-Shorting Dust Cap With 2.5 Inch Chain
Shorts and Caps Technical Data Sheet
PE6121


Similar Part No. - PE6121

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6121 PASTERNACK-PE6121 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for SMB Plug With 2.5 Inch Chain
More results

Similar Description - PE6121

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6046 PASTERNACK-PE6046 Datasheet
231Kb / 2P
Non-Shorting Dust Cap for C Male With 2.5 Inch Chain
PE6121 PASTERNACK-PE6121 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for SMB Plug With 2.5 Inch Chain
PE6122 PASTERNACK-PE6122 Datasheet
207Kb / 2P
Non-Shorting Dust Cap for SMB Jack With 2.5 Inch Chain
PE6123 PASTERNACK-PE6123 Datasheet
201Kb / 2P
Non-Shorting Dust Cap for SMC Plug With 2.5 Inch Chain
PE6119 PASTERNACK-PE6119_16 Datasheet
416Kb / 3P
SMA Female Non-Shorting Dust Cap With 2.5 Inch Chain
PE6122 PASTERNACK-PE6122_16 Datasheet
428Kb / 3P
SMB Jack Non-Shorting Dust Cap With 2.5 Inch Chain
PE6123 PASTERNACK-PE6123_14 Datasheet
169Kb / 2P
SMC Plug Non-Shorting Dust Cap With 2.5 Inch Chain
PE6124 PASTERNACK-PE6124_14 Datasheet
175Kb / 2P
SMC Jack Non-Shorting Dust Cap With 2.5 Inch Chain
PE6125 PASTERNACK-PE6125_14 Datasheet
174Kb / 2P
75 Ohm SMB Plug Non-Shorting Dust Cap With 2.5 Inch Chain
PE6126 PASTERNACK-PE6126_16 Datasheet
429Kb / 3P
75 Ohm SMC Plug Non-Shorting Dust Cap With 2.5 Inch Chain
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com