Electronic Components Datasheet Search
  English  ▼

X  

PE6123 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6123
Description  SMC Plug Non-Shorting Dust Cap With 2.5 Inch Chain
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6123 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6123 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6123 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMC Plug Non-Shorting
Chain Option
2.5 In. Chain
Mechanical Specifications
Size
Length, in [mm]
0.53 [13.46]
Width, in [mm]
0.25 [6]
.
Connector
Type
SMC Plug Non-Shorting
Hex Size, in
1/4
Torque, in-lbs [Nm]
3 [0.34]
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/18/2012
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMC Plug Non-Shorting Dust Cap With 2.5 Inch Chain from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug Non-Shorting Dust Cap With 2.5 Inch Chain PE6123
URL: http://www.pasternack.com/smc-plug-cap-with-chain-pe6123-p.aspx
PE6123
PE6123 REV 1.1
SMC Plug Non-Shorting Dust Cap With 2.5 Inch Chain


Similar Part No. - PE6123

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6123 PASTERNACK-PE6123 Datasheet
201Kb / 2P
Non-Shorting Dust Cap for SMC Plug With 2.5 Inch Chain
More results

Similar Description - PE6123

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6121 PASTERNACK-PE6121 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for SMB Plug With 2.5 Inch Chain
PE6123 PASTERNACK-PE6123 Datasheet
201Kb / 2P
Non-Shorting Dust Cap for SMC Plug With 2.5 Inch Chain
PE6124 PASTERNACK-PE6124 Datasheet
207Kb / 2P
Non-Shorting Dust Cap for SMC Jack With 2.5 Inch Chain
PE6126 PASTERNACK-PE6126 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for 75 Ohm SMC Male With 2.5 Inch Chain
PE6119 PASTERNACK-PE6119_16 Datasheet
416Kb / 3P
SMA Female Non-Shorting Dust Cap With 2.5 Inch Chain
PE6121 PASTERNACK-PE6121_16 Datasheet
428Kb / 3P
SMB Plug Non-Shorting Dust Cap With 2.5 Inch Chain
PE6122 PASTERNACK-PE6122_16 Datasheet
428Kb / 3P
SMB Jack Non-Shorting Dust Cap With 2.5 Inch Chain
PE6124 PASTERNACK-PE6124_14 Datasheet
175Kb / 2P
SMC Jack Non-Shorting Dust Cap With 2.5 Inch Chain
PE6125 PASTERNACK-PE6125_14 Datasheet
174Kb / 2P
75 Ohm SMB Plug Non-Shorting Dust Cap With 2.5 Inch Chain
PE6126 PASTERNACK-PE6126_16 Datasheet
429Kb / 3P
75 Ohm SMC Plug Non-Shorting Dust Cap With 2.5 Inch Chain
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com