Electronic Components Datasheet Search
  English  ▼

X  

PE6128 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6128
Description  BNC Female Shorting Dust Cap With 4 Inch Chain
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6128 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6128 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6128 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6128 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Protects against dust and contaminants
• Protects against physical damage
• Nickel Plated Body
• Internally Shorted
• Chain Included
Applications
• General Purpose Laboratory Use
• Test and Measurement
• ESD Protection
.
Description
Pasternack’s PE6128 connector dust cap has a BNC interface and a female gender. Our BNC female dust cap is a shorting
design with a nickel plated body to ensure durability. The Pasternack shorting BNC connector cap comes with a 4 inch chain
and is part of over 40,000 RF, microwave and millimeter wave products that ship the same day.
RF connector dust caps are essential for precision connectors, protecting them from dust, corrosion and potential damage
especially to test and measurement equipment. Specific RF connector cap models come with a chain to prevent loss or
misplacement. Internal short connector cap versions are available to protect equipment from a spike in current caused by
electrostatic discharge (ESD).
Mechanical Specifications
Configuration
Connector
BNC Female Shorting
Chain Option
4 in Chain
.
Description
Material
Plating
Contact
Silver
Body
Brass
Nickel
.
Size
Length
0.66 in [16.76 mm]
Width
0.51 in [12.95 mm]
.
Weight
0.027 lbs [12.25 g]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Shorting Dust Cap With 4 Inch Chain PE6128
PE6128 REV 1.2
BNC Female Shorting Dust Cap With 4 Inch Chain
Shorts and Caps Technical Data Sheet
PE6128


Similar Part No. - PE6128

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6128 PASTERNACK-PE6128 Datasheet
210Kb / 2P
Shorting Dust Cap for BNC Female With 4 Inch Chain
More results

Similar Description - PE6128

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6127 PASTERNACK-PE6127 Datasheet
235Kb / 2P
Shorting BNC Male With 4 Inch Chain Dust Cap
PE6130 PASTERNACK-PE6130 Datasheet
241Kb / 2P
Shorting N Female With 4 Inch Chain Dust Cap
PE6128 PASTERNACK-PE6128 Datasheet
210Kb / 2P
Shorting Dust Cap for BNC Female With 4 Inch Chain
PE6195 PASTERNACK-PE6195 Datasheet
193Kb / 2P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
PE6114 PASTERNACK-PE6114_16 Datasheet
419Kb / 3P
HN Female Non-Shorting Dust Cap With 4 Inch Chain
PE6118 PASTERNACK-PE6118_16 Datasheet
417Kb / 3P
SC Female Non-Shorting Dust Cap With 4 Inch Chain
PE6127 PASTERNACK-PE6127_16 Datasheet
417Kb / 3P
BNC Male Shorting Dust Cap With 4 Inch Chain
PE6132 PASTERNACK-PE6132_17 Datasheet
346Kb / 3P
SMA Female Shorting Dust Cap With 2.5 Inch Chain
PE6136 PASTERNACK-PE6136_16 Datasheet
416Kb / 3P
TNC Female Shorting Dust Cap With 4 Inch Chain
PE6195 PASTERNACK-PE6195_16 Datasheet
416Kb / 3P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com