Electronic Components Datasheet Search
  English  ▼

X  

PE6129 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6129
Description  N Male Shorting Dust Cap With 4 Inch Chain
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6129 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6129 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6129 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6129 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Protects against dust and contaminants
• Protects against physical damage
• Nickel Plated Body
• Internally Shorted
• Chain Included
Applications
• General Purpose Laboratory Use
• Test and Measurement
• ESD Protection
.
Description
Pasternack’s PE6129 connector dust cap has an N interface and a male gender. Our N male dust cap is a shorting design
with a nickel plated body to ensure durability. The Pasternack shorting N connector cap comes with a 4 inch chain and is part
of over 40,000 RF, microwave and millimeter wave products that ship the same day.
RF connector dust caps are essential for precision connectors, protecting them from dust, corrosion and potential damage
especially to test and measurement equipment. Specific RF connector cap models come with a chain to prevent loss or
misplacement. Internal short connector cap versions are available to protect equipment from a spike in current caused by
electrostatic discharge (ESD).
Mechanical Specifications
Configuration
Connector
N Male Shorting
Chain Option
4 in Chain
.
Description
Material
Plating
Contact
Silver
Body
Brass
Nickel
.
Size
Length
0.75 in [19.05 mm]
Width
0.8 in [20.32 mm]
.
Weight
0.075 lbs [34.02 g]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Shorting Dust Cap With 4 Inch Chain PE6129
PE6129 REV 1.2
N Male Shorting Dust Cap With 4 Inch Chain
Shorts and Caps Technical Data Sheet
PE6129


Similar Part No. - PE6129

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6129 PASTERNACK-PE6129 Datasheet
73Kb / 1P
N MALE SHORT WITH CHAIN
More results

Similar Description - PE6129

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6127 PASTERNACK-PE6127 Datasheet
235Kb / 2P
Shorting BNC Male With 4 Inch Chain Dust Cap
PE6130 PASTERNACK-PE6130 Datasheet
241Kb / 2P
Shorting N Female With 4 Inch Chain Dust Cap
PE6134 PASTERNACK-PE6134 Datasheet
459Kb / 2P
Shorting TNC Male With 4 Inch Chain Dust Cap
PE6194 PASTERNACK-PE6194 Datasheet
195Kb / 2P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PE6059 PASTERNACK-PE6059_16 Datasheet
417Kb / 3P
HN Male Non-Shorting Dust Cap With 4 Inch Chain
PE6117 PASTERNACK-PE6117_16 Datasheet
418Kb / 3P
SC Male Non-Shorting Dust Cap With 4 Inch Chain
PE6127 PASTERNACK-PE6127_16 Datasheet
417Kb / 3P
BNC Male Shorting Dust Cap With 4 Inch Chain
PE6131 PASTERNACK-PE6131_16 Datasheet
417Kb / 3P
SMA Male Shorting Dust Cap With 2.5 Inch Chain
PE6134 PASTERNACK-PE6134_16 Datasheet
417Kb / 3P
TNC Male Shorting Dust Cap With 4 Inch Chain
PE6194 PASTERNACK-PE6194_16 Datasheet
418Kb / 3P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com