Electronic Components Datasheet Search
  English  ▼

X  

PE6132 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6132
Description  SMA Female Shorting Dust Cap With 2.5 Inch Chain
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6132 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6132 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6132 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6132 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Protects against dust and contaminants
• Protects against physical damage
• Nickel Plated Body
• Internally Shorted
• Chain Included
Applications
• General Purpose Laboratory Use
• Test and Measurement
• ESD Protection
.
Description
Pasternack’s PE6132 connector dust cap has an SMA interface and a female gender. Our SMA female dust cap is a shorting
design with a nickel plated body to ensure durability. The Pasternack shorting SMA connector cap comes with a 2.5 inch chain
and is part of over 40,000 RF, microwave and millimeter wave products that ship the same day.
RF connector dust caps are essential for precision connectors, protecting them from dust, corrosion and potential damage
especially to test and measurement equipment. Specific RF connector cap models come with a chain to prevent loss or
misplacement. Internal short connector cap versions are available to protect equipment from a spike in current caused by
electrostatic discharge (ESD).
Mechanical Specifications
Configuration
Connector
SMA Female Shorting
Chain Option
2.5 in Chain
.
Hex Size
1/4 inch
Description
Material
Plating
Contact
Gold
Body
Brass
Nickel
.
Size
Length
0.53 in [13.46 mm]
Width
0.25 in [6.35 mm]
.
Weight
0.132 lbs [59.87 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Shorting Dust Cap With 2.5 Inch Chain PE6132
PE6132 REV 1.2
SMA Female Shorting Dust Cap With 2.5 Inch Chain
Shorts and Caps Technical Data Sheet
PE6132


Similar Part No. - PE6132

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6132 PASTERNACK-PE6132 Datasheet
204Kb / 2P
Shorting Dust Cap for SMA Female With 2.5 Inch Chain
More results

Similar Description - PE6132

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6130 PASTERNACK-PE6130 Datasheet
241Kb / 2P
Shorting N Female With 4 Inch Chain Dust Cap
PE6119 PASTERNACK-PE6119 Datasheet
234Kb / 2P
Non-Shorting Dust Cap for SMA Female With 2.5 Inch Chain
PE6131 PASTERNACK-PE6131 Datasheet
202Kb / 2P
Shorting Dust Cap for SMA Male With 2.5 Inch Chain
PE6132 PASTERNACK-PE6132 Datasheet
204Kb / 2P
Shorting Dust Cap for SMA Female With 2.5 Inch Chain
PE6195 PASTERNACK-PE6195 Datasheet
193Kb / 2P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
PE6119 PASTERNACK-PE6119_16 Datasheet
416Kb / 3P
SMA Female Non-Shorting Dust Cap With 2.5 Inch Chain
PE6128 PASTERNACK-PE6128_16 Datasheet
420Kb / 3P
BNC Female Shorting Dust Cap With 4 Inch Chain
PE6131 PASTERNACK-PE6131_16 Datasheet
417Kb / 3P
SMA Male Shorting Dust Cap With 2.5 Inch Chain
PE6136 PASTERNACK-PE6136_16 Datasheet
416Kb / 3P
TNC Female Shorting Dust Cap With 4 Inch Chain
PE6195 PASTERNACK-PE6195_16 Datasheet
416Kb / 3P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com