Electronic Components Datasheet Search
  English  ▼

X  

LP87332DRHDR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332DRHDR
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332DRHDR Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP87332DRHDR Datasheet HTML 25Page - Texas Instruments LP87332DRHDR Datasheet HTML 26Page - Texas Instruments LP87332DRHDR Datasheet HTML 27Page - Texas Instruments LP87332DRHDR Datasheet HTML 28Page - Texas Instruments LP87332DRHDR Datasheet HTML 29Page - Texas Instruments LP87332DRHDR Datasheet HTML 30Page - Texas Instruments LP87332DRHDR Datasheet HTML 31Page - Texas Instruments LP87332DRHDR Datasheet HTML 32Page - Texas Instruments LP87332DRHDR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
V(VANA)
VANA_UVLO
State
Shut
down
Read
OTP
Standby
PGOOD pin
EN pin
VOUT (Buck1)
VOUT (LDO0)
Buck1 internal powergood
LDO0 internal powergood
Active
Buck1 internal enable
LDO0 internal enable
4ms
2ms
29
LP87332D
www.ti.com
SNVSAU6 – NOVEMBER 2017
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 15. PGOOD Pin Operation in Continuous Mode
7.3.8.2 Warnings for Diagnosis (Interrupt)
7.3.8.2.1
Output Power Limit
The Buck regulators have programmable output peak current limits. The limits are individually programmed for
both regulators with BUCKx_ILIM[2:0] bits in BUCKx_CTRL_2 register. If the load current is increased so that the
current limit is triggered, the regulator continues to regulate to the limit current level (peak current regulation).
The voltage may decrease if the load current is higher than limit current. If the current regulation continues for 20
µs, the LP87332D device sets the BUCKx_ILIM_INT bit in INT_BUCK register and pulls the nINT pin low. The
host processor can read BUCKx_ILIM_STAT bits in BUCK_STAT register to see if the regulator is still in peak
current regulation mode and the interrupt is cleared by writing 1 to BUCKx_ILIM_INT bit. The current limit
interrupt can be masked by setting BUCKx_ILIM_MASK bit in BUCK_MASK register to 1. The Buck overload
situation is shown in Figure 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com