Electronic Components Datasheet Search
  English  ▼

X  

LP873220RHDR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP873220RHDR
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP873220RHDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP873220RHDR Datasheet HTML 3Page - Texas Instruments LP873220RHDR Datasheet HTML 4Page - Texas Instruments LP873220RHDR Datasheet HTML 5Page - Texas Instruments LP873220RHDR Datasheet HTML 6Page - Texas Instruments LP873220RHDR Datasheet HTML 7Page - Texas Instruments LP873220RHDR Datasheet HTML 8Page - Texas Instruments LP873220RHDR Datasheet HTML 9Page - Texas Instruments LP873220RHDR Datasheet HTML 10Page - Texas Instruments LP873220RHDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
7
LP873220
www.ti.com
SNVSAU7 – NOVEMBER 2017
Product Folder Links: LP873220
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the junction temperature range –40°C
≤ TJ ≤ +140°C, specified VVANA, VVIN_Bx, VVIN_LDOx, VVOUT_Bx, VVOUT_LDOx
and IOUT range, unless otherwise noted. Typical values are at TJ = 25°C, VVANA = VVIN_Bx = VVIN_LDOx = 3.7 V, and VOUT = 1 V,
unless otherwise noted.
(1)(2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(4)
The slew-rate can be limited by the current limit (forward or negative current limit), output capacitance and load current.
(5)
The final PFM-to-PWM and PWM-to-PFM switchover current varies slightly and is dependent on the output voltage, input voltage and
the inductor current level.
Input and Output voltage
difference
Minimum voltage between V(VIN_Bx) and
VOUT to fulfill the electrical characteristics
0.8
V
VOUT_Bx_DC
DC output voltage
accuracy, includes
voltage reference, DC
load and line regulations,
process and temperature
Force PWM mode, VOUT < 1 V
–20
20
mV
Force PWM mode, VOUT ≥ 1 V
–2%
2%
PFM mode, VOUT < 1 V, the average output
voltage level is increased by max. 20 mV
–20mV
40mV
mV
PFM mode, VOUT ≥ 1 V, the average output
voltage level is increased by max. 20 mV
–2%
2% + 20
mV
Ripple voltage
PWM mode, L = 0.47 µH
10
mVp-p
PFM mode, L = 0.47 µH
25
DCLNR
DC line regulation
IOUT = 1 A
±0.05
%/V
DCLDR
DC load regulation in
PWM mode
VOUT_Bx = 1 V, IOUT from 0 to IOUT(max)
0.3%
TLDSR
Transient load step
response
IOUT = 0.1 A to 2 A, TR = TF = 400 ns, PWM
mode
±55
mV
TLNSR
Transient line response
V(VIN_Bx) stepping 3 V ↔ 3.5 V, TR = TF = 10
µs, IOUT = IOUT(max)
±10
mV
ILIM FWD
Forward current limit for
both bucks (peak for
every switching cycle)
Programmable range
1.5
3
A
Step size
0.5
Accuracy, V(VIN_Bx) ≥ 3 V, ILIM = 3 A
–5%
7.5%
20%
Accuracy, 2.8 V
≤ V(VIN_Bx) < 3 V, ILIM = 3 A
–20%
7.5%
20%
ILIM NEG
Negative current limit
1.6
2.0
3.0
A
RDS(ON) HS FET
On-resistance, high-side
FET
Each phase, between VIN_Bx and SW_Bx
pins (I = 1 A)
50
110
mΩ
RDS(ON) LS FET
On-resistance, low-side
FET
Each phase, between SW_Bx and PGND_Bx
pins (I = 1 A)
45
90
mΩ
ƒSW
Switching frequency
PWM mode
1.8
2
2.2
MHz
Start-up time (soft start)
From ENx to VOUT_Bx = 0.35 V (slew-rate
control begins)
120
µs
Output voltage slew-
rate(4)
SLEW_RATEx[2:0] = 010, COUT-TOTAL_BUCK <
80 µF
–15%
10
15%
mV/µs
SLEW_RATEx[2:0] = 011, COUT-TOTAL_BUCK <
130 µF
7.5
SLEW_RATEx[2:0] = 100, COUT-TOTAL_BUCK <
250 µF
3.8
SLEW_RATEx[2:0] = 101, COUT-TOTAL_BUCK
< 500 µF
1.9
SLEW_RATEx[2:0] = 110, COUT-TOTAL_BUCK
< 500 µF
0.94
SLEW_RATEx[2:0] = 111, COUT-TOTAL_BUCK
< 500 µF
0.47
IPFM-PWM
PFM-to-PWM - current
threshold(5)
550
mA
IPWM-PFM
PWM-to-PFM - current
threshold(5)
290
mA
RDIS_Bx
Output pulldown
resistance
Regulator disabled
150
250
350
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com