Electronic Components Datasheet Search
  English  ▼

X  

LPV821DBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LPV821DBVR
Description  650nA, Precision, Nanopower, Zero-Drift Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV821DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button LPV821DBVR Datasheet HTML 2Page - Texas Instruments LPV821DBVR Datasheet HTML 3Page - Texas Instruments LPV821DBVR Datasheet HTML 4Page - Texas Instruments LPV821DBVR Datasheet HTML 5Page - Texas Instruments LPV821DBVR Datasheet HTML 6Page - Texas Instruments LPV821DBVR Datasheet HTML 7Page - Texas Instruments LPV821DBVR Datasheet HTML 8Page - Texas Instruments LPV821DBVR Datasheet HTML 9Page - Texas Instruments LPV821DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Offset Voltage (PV)
0
5
10
15
20
25
3.3V
Offset Voltage (PV)
0
5
10
15
20
25
offs
Offset Voltage (PV)
0
5
10
15
20
25
Offs
Offset Voltage (PV)
0
5
10
15
20
25
30
Offs
Offset Voltage PV)
0
5
10
15
20
25
30
Ofss
Offset Voltage (PV)
0
5
10
15
20
25
1.8V
6
LPV821
SNOSD36A – AUGUST 2017 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: LPV821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6 Typical Characteristics
At TA = 25°C, VS = 3.3 V, VCM = VOUT = VS/2, CL = 20 pF, and RL≥ 10 MΩ, unless otherwise noted.
VS = 1.8 V
N = 98 units
TA = -40°C
Figure 1. Offset Voltage Distribution, Vs = 1.8 V
VS = 1.8 V
N = 98 units
TA = 25°C
Figure 2. Offset Voltage Distribution, Vs = 1.8 V
VS = 1.8 V
N = 98 units
TA = 125°C
Figure 3. Offset Voltage Distribution, Vs = 1.8 V
VS = 3.3 V
N = 98 units
TA = -40°C
Figure 4. Offset Voltage Distribution, Vs = 3.3 V
VS = 3.3 V
N = 98 units
TA = 25°C
Figure 5. Offset Voltage Distribution, Vs = 3.3 V
VS = 3.3 V
N = 98 units
TA = 125°C
Figure 6. Offset Voltage Distribution, Vs = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com