Electronic Components Datasheet Search
  English  ▼

X  

HT36A2 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT36A2
Description  8-Bit Music Synthesizer MCU
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36A2 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT36A2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 11Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 12Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 13Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
HT36A2
Rev. 1.00
10
June 19, 2003
the interrupt request will not be acknowledged, even if
the related interrupt is enabled, until the SP is decre-
mented. If immediate service is desired, the stack must
be prevented from becoming full.
All these kinds of interrupt have a wake-up capability. As
an interrupt is serviced, a control transfer occurs by
pushing the program counter onto the stack and then
branching to subroutines at specified locations in the
program memory. Only the program counter is pushed
onto the stack. If the contents of the register and Status
register (STATUS) are altered by the interrupt service
program which may corrupt the desired control se-
quence, then the programmer must save the contents
first.
The internal Timer Counter 0 interrupt is initialized by
setting the Timer Counter 0 interrupt request flag (T0F;
bit 5 of INTC), caused by a Timer Counter 0 overflow.
When the interrupt is enabled, and the stack is not full
and the T0F bit is set, a subroutine call to location 08H
will occur. The related interrupt request flag (T0F) will be
reset and the EMI bit cleared to disable further inter-
rupts.
The Timer Counter 1 interrupt is operated in the same
manner as Timer Counter 0. The related interrupt con-
trol bits ET1I and T1F of the Timer Counter 1 are bit 3
and bit 6 of the INTC respectively.
During the execution of an interrupt subroutine, other in-
terrupt acknowledgments are held until the RETI in-
struction is executed or the EMI bit and the related
interrupt control bit are set to 1 (if the stack is not full). To
return from the interrupt subroutine, the RET or RETI in-
struction may be invoked. RETI will set the EMI bit to en-
able an interrupt service, but RET will not.
Interrupts occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests
the priorities in the following table apply. These can be
masked by resetting the EMI bit.
Interrupt Source
Priority
Vector
Timer Counter 0 overflow
1
08H
Timer Counter 1 overflow
2
0CH
The Timer Counter 0/1 interrupt request flag (T0F/T1F),
Enable Timer Counter 0/1 bit (ET0I/ET1I) and Enable
Master Interrupt bit (EMI) constitute an interrupt control
register (INTC) which is located at 0BH in the data mem-
ory. EMI, ET0I, ET1I are used to control the en-
abling/disabling of interrupts. These bits prevent the
requested interrupt from being serviced. Once the inter-
rupt request flags (T0F, T1F) are set, they will remain in
the INTC register until the interrupts are serviced or
cleared by a software instruction.
It is recommended that a program does not use the
²CALL subroutine² within the interrupt subroutine. Be-
cause interrupts often occur in an unpredictable manner
or need to be serviced immediately in some applica-
tions, if only one stack is left and enabling the interrupt is
not well controlled, once the
²CALL subroutine² operates
in the interrupt subroutine, it may damage the original
control sequence.
Oscillator Configuration
The HT36A2 provides two types of oscillator circuit for
the system clock, i.e., RC oscillator and crystal oscilla-
tor. No matter what type of oscillator, the signal divided
by 2 is used for the system clock. The HALT mode stops
the system oscillator and ignores external signal to con-
serve power. If the RC oscillator is used, an external re-
sistor between OSC1 and VSS is required, and the
range of the resistance should be from 30k
W to 680kW.
The system clock, divided by 4, is available on OSC2
Register
Bit No.
Label
Function
INTC
(0BH)
0
EMI
Controls the Master (Global) interrupt
(1=enabled; 0=disabled)
1
¾
Unused bit, read as
²0²
2
ET0I
Controls the Timer Counter 0 interrupt
(1=enabled; 0=disabled)
3
ET1I
Controls the Timer Counter 1 interrupt
(1=enabled; 0=disabled)
4
¾
Unused bit, read as
²0²
5
T0F
Internal Timer Counter 0 request flag
(1=active; 0=inactive)
6
T1F
Internal Timer Counter 1 request flag
(1=active; 0=inactive)
7
¾
Unused bit, read as
²0²
INTC register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com