Electronic Components Datasheet Search
  English  ▼

X  

LTVH9G Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LTVH9G
Description  FIREFLY 0402
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTVH9G Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LTVH9G Datasheet HTML 5Page - OSRAM GmbH LTVH9G Datasheet HTML 6Page - OSRAM GmbH LTVH9G Datasheet HTML 7Page - OSRAM GmbH LTVH9G Datasheet HTML 8Page - OSRAM GmbH LTVH9G Datasheet HTML 9Page - OSRAM GmbH LTVH9G Datasheet HTML 10Page - OSRAM GmbH LTVH9G Datasheet HTML 11Page - OSRAM GmbH LTVH9G Datasheet HTML 12Page - OSRAM GmbH LTVH9G Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Version 2.1
LT VH9G
2016-02-24
9
Relative Forward Voltage 7) page 20
Relative Vorwärtsspannung 7) Seite 20
ΔVF = VF - VF(25 °C) = f(Tj); IF = 5 mA
Relative Luminous Intensity 7) page 20
Relative Lichtstärke 7) Seite 20
IV/IV(25)°C = f(Tj); IF = 5 mA
Dominant Wavelength 7) page 20
Dominante Wellenlänge 7) Seite 20
Δλdom = λdom - λdom (25 °C) = f(Tj); IF = 5 mA
-60
-0.3
-0.2
-0.1
0
-40 -20
0
20
0.1
0.2
0.3
0.4
˚C
60
40
Tj
100
OHL02397
V
F
V
∆
-60
0
-40 -20
0
20
V (25 ˚C)
I
IV
˚C
60
40
Tj
100
OHL02913
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1.1
true green
blue
LT VH9G
-40
-20
0
20
40
60
80
Tj [°C]
-6
-4
-2
0
2
4
6
8
∆λ
dom [nm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com