Electronic Components Datasheet Search
  English  ▼

X  

LTY8SG Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LTY8SG
Description  Micro SIDELED 3010
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTY8SG Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LTY8SG Datasheet HTML 6Page - OSRAM GmbH LTY8SG Datasheet HTML 7Page - OSRAM GmbH LTY8SG Datasheet HTML 8Page - OSRAM GmbH LTY8SG Datasheet HTML 9Page - OSRAM GmbH LTY8SG Datasheet HTML 10Page - OSRAM GmbH LTY8SG Datasheet HTML 11Page - OSRAM GmbH LTY8SG Datasheet HTML 12Page - OSRAM GmbH LTY8SG Datasheet HTML 13Page - OSRAM GmbH LTY8SG Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
2014-10-16
10
Version 2.2
LT Y8SG
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle, TA = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle, TA = 85 °C
Lx Y8SG
0
20
40
60
80
100
T [°C]
0
5
10
15
20
25
30
IF [mA ]
Donot usebelow5mA
: TA
: TS
0
A
OHL02425
0.05
0.10
0.15
0.20
0.25
0.35
p
t
F
I
D
P
t
=
T
P
t
T
F
I
1
0.05
0.5
0.2
0.02
0.1
=
0.01
0.005
D
-5
1
10
-4
10
10
-3
-2
10
10
-1
0
10
10
s
2
10
0
A
OHL02426
0.05
0.10
0.15
0.20
0.25
0.35
p
t
F
I
D
P
t
=
T
P
t
T
F
I
1
0.05
0.5
0.2
0.02
0.1
=
0.01
0.005
D
-5
1
10
-4
10
10
-3
-2
10
10
-1
0
10
10
s
2
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com