Electronic Components Datasheet Search
  English  ▼

X  

FMMTA64 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # FMMTA64
Description  SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

FMMTA64 Datasheet(HTML) 1 Page - ATMEL Corporation

  FMMTA64 Datasheet HTML 1Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 PNP SILICON PLANAR
DARLINGTON TRANSISTORS
ISSUE 2 – MARCH 1995
7
PARTMARKING DETAIL –
FMMTA63 - Z2U
FMMTA64 - Z2V
COMPLEMENTARY TYPES – FMMTA63 - FMMTA13
FMMTA64 - FMMTA14
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-30
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-10
V
Peak Pulse Current
ICM
-800
mA
Continuous Collector Current
IC
-500
mA
Peak Base Current
IBM
-200
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL
FMMTA63
FMMTA64
UNIT CONDITIONS.
MIN.
MAX. MIN.
MAX.
Collector-Base
Breakdown Voltage
V(BR)CBO
-30
-30
V
IC=-10µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-30
-30
V
IC=-10mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-10
-10
V
IE=-10µA, IC=0
Collector Cut-Off
Current
ICBO
-0.1
-0.1
µ
A
VCB=-30V, IE=0
Emitter Cut-Off
Current
IEBO
-0.1
-0.1
µ
A
VCE=-10V
Static Forward
Current Transfer Ratio
hFE
5K
10K
10K
20K
IC=-10mA, VCE=5V*
IC=-100mA, VCE=5V*
Collector-Emitter
Saturation Voltage
VCE(sat)
-1.5
-1.5
V
IC=-100mA, IB=-0.1mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-2.0
-2.0
V
IC=-100mA, IB=-0.1mA*
Transition
Frequency
fT
125
125
MHz
IC=-50mA, VCE=-5V
f=20MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
For typical characteristics graphs see FZTA63 datasheet.
FMMTA63
FMMTA64
3 - 178
C
B
E
SOT23


Similar Part No. - FMMTA64

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTA64 ZETEX-FMMTA64 Datasheet
37Kb / 1P
PNP SILICON PLANAR DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FMMTA64 DIODES-FMMTA64 Datasheet
43Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTOR
MARCH 2001
More results

Similar Description - FMMTA64

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCV26 ZETEX-BCV26 Datasheet
49Kb / 1P
PNP SILICON PLANAR DARLINGTON TRANSISTORS
FZTA64 ZETEX-FZTA64 Datasheet
58Kb / 2P
PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Diodes Incorporated
FMMTA12 DIODES-FMMTA12 Datasheet
48Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
DECEMBER 1996
BCV27 DIODES-BCV27 Datasheet
54Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
SEPTEMBER 1995
FMMT3905 DIODES-FMMT3905 Datasheet
179Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
MARCH 2000
FMMTA64 DIODES-FMMTA64 Datasheet
43Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTOR
MARCH 2001
logo
List of Unclassifed Man...
FMMTA13TA ETC2-FMMTA13TA Datasheet
48Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
FMMTA14TA ETC2-FMMTA14TA Datasheet
48Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
BCV47 ZETEX-BCV47 Datasheet
253Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Diodes Incorporated
BCV26 DIODES-BCV26 Datasheet
51Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
SEPTEMBER 1995
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com