Electronic Components Datasheet Search
  English  ▼

X  

TOAT-4816 Datasheet(PDF) 1 Page - Mini-Circuits

Part # TOAT-4816
Description  Digital Step Attenuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TOAT-4816 Datasheet(HTML) 1 Page - Mini-Circuits

  TOAT-4816 Datasheet HTML 1Page - Mini-Circuits TOAT-4816 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
50
Ω TTL Control, Pin Diode 10 to 1000 MHz
Digital Step Attenuator
Precision
TOAT-4816+
CASE STYLE: QQ96
Maximum Ratings
Pin Connections
Features
RF IN
4
RF OUT
11
TTL CONTROL #1
2
TTL CONTROL #2
3
TTL CONTROL #3
1
+5V DC
12
CASE GROUND
5,6,7,8,9,10
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 125°C
Input Power
15 dBm
DC Voltage
5.5 V
TTL
5.5V
Outline Drawing
Digital Step Attenuator Electrical Specifications
REV. C
M151107
TOAT-4816+
DJ/VV/CP/AM
151009
MODEL
NO.
FREQUENCY
(MHz)
PRIMARY ATTENUATION STEPS
(dB)
@TTL CONTROL PORT
ATTENUATION
(dB)
VSWR
(:1)
f
L
f
U
#1
#2
#3
(1,1,1)**
Nom.
(0,0,0)
Max.
L
M
U
TOAT-4816+
10
1000
4±0.4
8±0.4
16±0.5
28.0
4.0
1.6
1.4
1.5
Applications
** Total attenuation above thru-loss.
1. Step accuracy is specified for basic steps. For combination of steps accuracy is additive.
2. Thru-loss is minimum insertion loss with all attenuation elements bypassed (All TTL controls state are Low)
3. For optimum operation of TOAT models, ensure the device case is properly connected to the ground plane (of PC board)
Additional Specifications
DC Voltage
+5V
DC Current
12mA max.
Switching Time (50% TTL to within specified
accuracy of the next-selected attenuation step,
and to within 0.1 dB of steady-state Thru-Loss)
10µs typ., 15µs max.,
TTL Input High Threshold
2V min
TTL Input Low Threshold
0.8V max.
TTL Toggle Rate
50 kHz typ.
1dB Compression
0 dBm (10-100 MHz)
+10 dBm (100-1000MHz)
L=10 to 100 MHz
M=100 to 500 MHz
U=500 to 1000 MHz
• wideband, 10 to 1000 MHz
• excellent step accuracy, 0.2 dB typ.
• excellent VSWR 1.3 typ.
• low DC current, 6 mA typ.
• hermetic, metal, TO-8 case
• base stations
• cellular
• test-sets
• military, hi-rel applications
Electrical Schematic
Outline Dimensions (
)
inch
mm
A
BC
D
E
F
.600
.250
.25
.016
.020
.04
15.24
6.35
6.35
0.41
0.51
1.02
GH
J
K
wt
.400
.200
.200
.100
grams
10.16
5.08
5.08
2.54
4.0
inch
mm
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - TOAT-4816

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TOAT-124 MINI-TOAT-124 Datasheet
190Kb / 2P
Digital Step Attenuator
TOAT-3610 MINI-TOAT-3610 Datasheet
89Kb / 2P
Digital Step Attenuator, 50ohm TTL Control, Pin Diode 10 to 1000 MHz
TOAT-51020 MINI-TOAT-51020 Datasheet
189Kb / 2P
Digital Step Attenuator
TOAT-R512 MINI-TOAT-R512 Datasheet
112Kb / 2P
50廓 TTL Control, Pin Diode 10 to 1000 MHz
TOAT-R512+ MINI-TOAT-R512+ Datasheet
112Kb / 2P
50廓 TTL Control, Pin Diode 10 to 1000 MHz
More results

Similar Description - TOAT-4816

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
Digital Step Attenuator
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
Digital Step Attenuator
ZX76-15R5-PN MINI-ZX76-15R5-PN Datasheet
767Kb / 10P
Digital Step Attenuator
DAT-15R5A-SN MINI-DAT-15R5A-SN Datasheet
561Kb / 8P
Digital Step Attenuator
DAT-31R5A-PN MINI-DAT-31R5A-PN Datasheet
597Kb / 8P
Digital Step Attenuator
DAT-31R5A-SP MINI-DAT-31R5A-SP Datasheet
576Kb / 8P
Digital Step Attenuator
DAT-3175A-PN MINI-DAT-3175A-PN Datasheet
589Kb / 8P
Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
Digital Step Attenuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com